Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 1 Page - Analog Devices

Part # LT8610AC
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 1 Page - Analog Devices

  LT8610AC Datasheet HTML 1Page - Analog Devices LT8610AC Datasheet HTML 2Page - Analog Devices LT8610AC Datasheet HTML 3Page - Analog Devices LT8610AC Datasheet HTML 4Page - Analog Devices LT8610AC Datasheet HTML 5Page - Analog Devices LT8610AC Datasheet HTML 6Page - Analog Devices LT8610AC Datasheet HTML 7Page - Analog Devices LT8610AC Datasheet HTML 8Page - Analog Devices LT8610AC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT8604
1
Rev. 0
For more information www.analog.com
Document Feedback
High Efficiency 42V/120mA
Synchronous Buck
All registered trademarks and trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
DESCRIPTION
The LT®8604 is a compact, high speed synchronous
monolithic step-down switching regulator that delivers up
to 120mA with high efficiency at constant switching fre-
quency, even up to 2.2MHz. It accepts a wide input voltage
range up to 42V, and consumes only 2.5µA of quiescent
current. Top and bottom power switches are included with
all necessary circuitry to minimize the need for external
components. Low ripple Burst Mode operation enables
high efficiency down to very low output currents while
keeping the output ripple below 10mVP-P.
Additional features provide for flexible and robust opera-
tion. Internal compensation with peak current mode topol-
ogy allows the use of small inductors and results in fast
transient response and good loop stability. The EN/UV pin
has an accurate 1V threshold and can be used to program
VIN under voltage lockout or to shut down the LT8604
reducing the input supply current to 1µA. A PG flag sig-
nals when VOUT is within ±7.5% of the programmed out-
put voltage as well as fault conditions. Thermal shutdown
provides additional protection. The LT8604 is available in
a small 10-Lead 3mm × 2mm DFN package with exposed
pad for low thermal resistance.
5V, Step-Down Converter
APPLICATIONS
n
High Efficiency 2MHz Synchronous Operation
n
> 90% Efficiency at 50mA, 12VIN to 5VOUT
n
Ultralow Quiescent Current Burst Mode® Operation
n
< 2.5µA IQ Regulating 24VIN to 3.3VOUT
n
Output Ripple < 10mVP-P
n
Wide Input Voltage Range: 3.2V to 42V
n
Fast Minimum Switch-On Time: 35ns
n
Adjustable Switching Frequency: 200kHz to 2.2MHz
n
Allows Tiny Inductors
n
Accurate 1V Enable Pin Threshold
n
Internal Compensation
n
Output Soft-Start and Tracking
n
Small 10-Lead 3mm × 2mm Side-Wettable
DFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
Industrial Sensors
n
Industrial Internet of Things
n
4mA to 20mA Current Loops
n
Flow Meters
n
Automotive Housekeeping Supplies
Efficiency at VOUT = 5V
100µH
10µF
1µF
60.4k
1µF
47nF
1M
187k
VIN
EN/UV
FB
TR/SS
RT
INTVCC
SW
GND
VOUT
5V
120mA
PG
VIN
5.9V TO 42V
fSW = 700kHz
LT8604
BIAS
BST
ON
OFF
8604 TA01a
VIN = 12V
VIN = 24V
VIN = 36V
fSW = 700kHz
LOAD CURRENT (mA)
0
20
40
60
80
100
120
60
65
70
75
80
85
90
95
100
8604 TA01b


Similar Part No. - LT8610AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LT8610AC LINER-LT8610AC Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8610AC AD-LT8610AC Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
LT8610AC AD-LT8610AC Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
More results

Similar Description - LT8610AC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Exar Corporation
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Texas Instruments
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
High efficiency synchronous buck topology
YEV09T06 BEL-YEV09T06 Datasheet
639Kb / 10P
High efficiency synchronous buck topology
YEV09T10 BEL-YEV09T10 Datasheet
640Kb / 11P
High efficiency synchronous buck topology
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
High-Efficiency Synchronous Buck Controller
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com