Electronic Components Datasheet Search
  English  ▼

X  

LT8640S Datasheet(PDF) 24 Page - Analog Devices

Part # LT8640S
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640S Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8640S Datasheet HTML 20Page - Analog Devices LT8640S Datasheet HTML 21Page - Analog Devices LT8640S Datasheet HTML 22Page - Analog Devices LT8640S Datasheet HTML 23Page - Analog Devices LT8640S Datasheet HTML 24Page - Analog Devices LT8640S Datasheet HTML 25Page - Analog Devices LT8640S Datasheet HTML 26Page - Analog Devices LT8640S Datasheet HTML 27Page - Analog Devices LT8640S Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LT8636/LT8637
24
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Output Voltage Tracking and Soft-Start
The LT8636/LT8637 allows the user to program its output
voltage ramp rate by means of the TR/SS pin. An internal
1.9µA pulls up the TR/SS pin to INTVCC. Putting an exter-
nal capacitor on TR/SS enables soft starting the output
to prevent current surge on the input supply. During the
soft-start ramp the output voltage will proportionally track
the TR/SS pin voltage.
For output tracking applications, TR/ SS can be externally
driven by another voltage source. For the LT8636, from
0V to 0.97V, the TR/SS voltage will override the internal
0.97V reference input to the error amplifier, thus regulat-
ing the FB pin voltage to that of TR/SS pin. When TR/
SS is above 0.97V, tracking is disabled and the feedback
voltage will regulate to the internal reference voltage.
For the LT8637, from 0V to 1.6V, the TR/SS voltage will
override the internal 0.97V reference input to the error
amplifier, thus regulating the FB pin voltage to a func-
tion of the TR/SS pin. See plot in the Typical Performance
Characteristics section. When TR/SS is above 1.6V, track-
ing is disabled and the feedback voltage will regulate to
the internal reference voltage. The TR/SS pin may be left
floating if the function is not needed. The TR/SS pin may
be left floating if the function is not needed.
An active pull-down circuit is connected to the TR/SS pin
which will discharge the external soft-start capacitor in
the case of fault conditions and restart the ramp when the
faults are cleared. Fault conditions that clear the soft-start
capacitor are the EN/UV pin transitioning low, VIN voltage
falling too low, or thermal shutdown.
Paralleling (LT8637 Only)
To increase the possible output current, two LT8637s can
be connected in parallel to the same output. To do this, the
VC and FB pins are connected together, and each LT8637’s
SW node is connected to the common output through its
own inductor. The CLKOUT pin of one LT8637 should be
connected to the SYNC/MODE pin of the second LT8637
to have both devices operate in the same mode. During
FCM, spread spectrum, and synchronization modes,
both devices will operate at the same frequency. Figure 6
shows an application where two LT8637 are paralleled to
get one output capable of up to 10A.
Figure 6. Paralleling Two LT8637s
RC
R1
L1
R2
CC
8636 F06
C1
COUT
VOUT
10A
LT8637
L2
SW
FB
VC
CLKOUT
LT8637
FB
SW
SYNC/MODE
VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com