Electronic Components Datasheet Search
  English  ▼

X  

LT8616 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8616
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8616 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8616 Datasheet HTML 2Page - Analog Devices LT8616 Datasheet HTML 3Page - Analog Devices LT8616 Datasheet HTML 4Page - Analog Devices LT8616 Datasheet HTML 5Page - Analog Devices LT8616 Datasheet HTML 6Page - Analog Devices LT8616 Datasheet HTML 7Page - Analog Devices LT8616 Datasheet HTML 8Page - Analog Devices LT8616 Datasheet HTML 9Page - Analog Devices LT8616 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT8604
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Foldback
Soft-Start Tracking
Soft-Start Current vs Temperature
VIN UVLO
Start-Up Dropout
Start-Up Dropout
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
FB VOLTAGE (V)
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
R = 18.2k
T
8604 G18
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
TR/SS VOLTAGE (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
8604 G19
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
8604 G20
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
2.00
2.20
2.40
2.60
2.80
3.00
8604 G21
RLOAD = 400Ω
VIN
VOUT
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8604 G24
RLOAD = 40Ω
VIN
VOUT
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8604 G25
Bias Pin Current
PG Thresholds
VIN = 12V
VOUT = 5V
ILOAD = 100mA
VBIAS = 3.3V
VBIAS = 5V
SWITCHING FREQUENCY (MHz)
0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2.0 2.2
0.6
0.8
1.0
1.2
1.4
1.6
1.8
8604 G23
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
8604 G22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com