Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8640
Description  High Efficiency 42V/120mA Synchronous Buck
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 3 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT8604
3
Rev. 0
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.9
3.2
V
VIN Quiescent Current
VEN/UV = 0V
VEN/UV = 2V, Not Switching
l
1
1.7
4
12
µA
µA
VIN Current in Regulation
VIN = 12V, VOUT = 3.3V, ILOAD = 100µA
VIN = 12V, VOUT = 3.3V, ILOAD = 1mA
56
400
µA
µA
Feedback Reference Voltage
l
0.762
0.778
0.798
V
FB Voltage Line Regulation
VIN = 4V to 42V
l
±0.002
±0.04
%/V
FB Pin Input Current
VFB = 0.8V
l
±20
nA
BIAS Pin Current Consumption
VBIAS = 3.3V, ILOAD = 30mA, 700kHz
0.9
mA
Minimum On-Time
l
35
65
ns
Minimum Off-Time
90
120
ns
Oscillator Frequency
RT = 221k
RT = 18.2k
l
l
140
1.85
200
2.00
260
2.15
kHz
MHz
Top Power NMOS On-Resistance
3.2
Ω
Top Power NMOS Current Limit
l
185
230
275
mA
Bottom Power NMOS On-Resistance
1.2
Ω
SW Leakage Current
VIN = 24V
l
15
µA
EN/UV Pin Threshold
Pin Voltage Rising
l
0.98
1.04
1.11
V
V
EN/UV Pin Hysteresis
40
mV
EN/UV Pin Current
VEN/UV = 2V
±20
nA
PG Upper Threshold Offset from VFB/OUT
VFB/OUT Rising
l
5.0
7.5
10.0
%
PG Lower Threshold Offset from VFB/OUT
VFB/OUT Falling
l
–5.0
–7.5
–10.0
%
PG Hysteresis
0.5
%
PG Leakage
VPG = 42V
l
±200
nA
PG Pull-Down Resistance
VPG = 0.1V
550
1200
Ω
TR/SS Source Current
VTR/SS = 0.1V
l
1
2
3.5
µA
TR/SS Pull-Down Resistance
Fault Condition, VTR/SS = 0.1V
300
900
Ω
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8604E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT8604I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT8604J is guaranteed over the full –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes. Operating lifetime is derated at junction
temperatures greater than 125°C.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com