Electronic Components Datasheet Search
  English  ▼

X  

LT8614 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8614
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8614 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8614 Datasheet HTML 12Page - Analog Devices LT8614 Datasheet HTML 13Page - Analog Devices LT8614 Datasheet HTML 14Page - Analog Devices LT8614 Datasheet HTML 15Page - Analog Devices LT8614 Datasheet HTML 16Page - Analog Devices LT8614 Datasheet HTML 17Page - Analog Devices LT8614 Datasheet HTML 18Page - Analog Devices LT8614 Datasheet HTML 19Page - Analog Devices LT8614 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LT8636/LT8637
16
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 1. Recommended PCB Layouts for the LT8636
Low EMI PCB Layout
The LT8636/LT8637 is specifically designed to minimize
EMI emissions and also to maximize efficiency when
switching at high frequencies. For optimal performance
the LT8636/LT8637 requires the use of multiple VIN
bypass capacitors.
Two small 1µF capacitors should be placed as close as
possible to the LT8636/LT8637, one capacitor on each
side of the device (CIN1, CIN2). A third capacitor with a
larger value, 2.2µF or higher, should be placed near CIN1
or CIN2.
See Figure 1 for recommended PCB layouts.
For more detail and PCB design files refer to the Demo
Board guide for the LT8636/LT8637.
Note that large, switched currents flow in the LT8636/
LT8637 VIN and GND pins and the input capacitors. The
loops formed by the input capacitors should be as small
as possible by placing the capacitors adjacent to the VIN
and GND pins. Capacitors with small case size such as
0603 are optimal due to lowest parasitic inductance.
The input capacitors, along with the inductor and out-
put capacitors, should be placed on the same side of the
circuit board, and their connections should be made on
that layer. Place a local, unbroken ground plane under the
application circuit on the layer closest to the surface layer.
The SW and BOOST nodes should be as small as possible.
Finally, keep the FB and RT nodes small so that the ground
traces will shield them from the SW and BOOST nodes.
OTHER SIGNAL VIAS
VOUT VIA
VIN VIA
GROUND VIA
8636 F01a
R2
C1
R1
CVCC
CIN1
CIN2
L
COUT
CSS RT
CIN3
CBST
OTHER SIGNAL VIAS
VOUT VIA
VIN VIA
GROUND VIA
8636 F01b
R2
C1
CC
CF
RC
R1
CVCC
CIN1
CIN2
L
COUT
CSS RT
CIN3
CBST
(a) LT8636
(b) LT8637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com