Electronic Components Datasheet Search
  English  ▼

X  

LT8612 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8612
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8612 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8612 Datasheet HTML 14Page - Analog Devices LT8612 Datasheet HTML 15Page - Analog Devices LT8612 Datasheet HTML 16Page - Analog Devices LT8612 Datasheet HTML 17Page - Analog Devices LT8612 Datasheet HTML 18Page - Analog Devices LT8612 Datasheet HTML 19Page - Analog Devices LT8612 Datasheet HTML 20Page - Analog Devices LT8612 Datasheet HTML 21Page - Analog Devices LT8612 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LT8636/LT8637
18
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
FCM is disabled if the VIN pin is held above 37V or if the FB
pin is held greater than 8% above the feedback reference
voltage. FCM is also disabled during soft-start until the
soft-start capacitor is fully charged. When FCM is disabled
in these ways, negative inductor current is not allowed
and the LT8636/LT8637 operates in pulse-skipping mode.
For robust operation over a wide VIN and VOUT range, use
an inductor value greater than LMIN:
LMIN =
VOUT
2 • fSW
• 1–
VOUT
VIN,MAX
⎛
⎝⎜
⎞
⎠⎟
Spread Spectrum Mode
The LT8636/LT8637 features spread spectrum opera-
tion to further reduce EMI emissions. To enable spread
spectrum operation, the SYNC/MODE pin should be tied
high to INTVCC (~3.4V)or an external supply of 3V to 4V.
In this mode, triangular frequency modulation is used
to vary the switching frequency between the value pro-
grammed by RT to approximately 20% higher than that
value. The modulation frequency is approximately 3kHz.
For example, when the LT8636/LT8637 is programmed to
2MHz, the frequency will vary from 2MHz to 2.4MHz at a
3kHz rate. When spread spectrum operation is selected,
Burst Mode operation is disabled, and the part will run in
forced continuous mode.
Synchronization
To synchronize the LT8636/LT8637 oscillator to an exter-
nal frequency, connect a square wave to the SYNC/MODE
pin. The square wave amplitude should have valleys that
are below 0.4V and peaks above 1.5V (up to 6V) with a
minimum on-time and off-time of 50ns.
The output load at which the LT8636/LT8637 reaches the
programmed frequency varies based on input voltage,
output voltage and inductor choice. To select low ripple
Burst Mode operation, tie the SYNC/MODE pin below 0.4V
(this can be ground or a logic low output).
Forced Continuous Mode
The LT8636/LT8637 can operate in forced continuous
mode (FCM) for fast transient response and full fre-
quency operation over a wide load range. When in FCM,
the oscillator operates continuously and positive SW
transitions are aligned to the clock. Negative inductor
current is allowed at light loads or under large tran-
sient conditions. The LT8636/LT8637 can sink current
from the output and return this charge to the input in
this mode, improving load step transient response (see
Figure 4). At light loads, FCM operation is less efficient
than Burst Mode operation, but may be desirable in
applications where it is necessary to keep switching
harmonics out of the signal band. FCM must be used if
the output is required to sink current. To enable FCM,
float the SYNC/MODE pin. Leakage current on this pin
should be <1µA. See Block Diagram for internal pull-up
and pull-down resistance.
Figure 4. LT8636 Load Step Transient Response with
and without Forced Continuous Mode
FRONT PAGE APPLICATION
100mA TO 1.1A TRANSIENT
12VIN, 5VOUT, fSW = 1MHz
COUT = 100µF
Burst Mode OPERATION
FCM
50µs/DIV
ILOAD
1A/DIV
VOUT
100mV/DIV
8636 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com