Electronic Components Datasheet Search
  English  ▼

X  

WD10JFCX Datasheet(PDF) 2 Page - Western Digital Corporation or its affiliates.

Part # WD10JFCX
Description  There?셲 a leading edge WD Red drive for every compatible NAS system to help fulfill your data storage needs.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD10JFCX Datasheet(HTML) 2 Page - Western Digital Corporation or its affiliates.

  WD10JFCX Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD10JFCX Datasheet HTML 2Page - Western Digital Corporation or its affiliates. WD10JFCX Datasheet HTML 3Page - Western Digital Corporation or its affiliates. WD10JFCX Datasheet HTML 4Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
DATA SHEET
NAS HARD DRIVES
WD Red™
Specifications subject to change without notice.
1
Not all products may be available in all regions of the world
² As used for storage capacity, one megabyte (MB) = one million bytes, one gigabyte (GB) = one billion bytes, and
one terabyte (TB) = one trillion bytes. Total accessible capacity varies depending on operating environment. As
used for buffer or cache, one megabyte (MB) = 1,048,576 bytes. As used for transfer rate or interface, megabyte
per second (MB/s) = one million bytes per second, and gigabit per second (Gb/s) = one billion bits per second.
Effective maximum SATA 6 Gb/s transfer rate calculated according to the Serial ATA specification published by the
SATA-IO organization as of the date of this specification sheet. Visit www.sata-io.org for details. Performance will
vary depending on your hardware and software components and configurations.
³ WD hard drive products manufactured and sold worldwide after June 8, 2011, meet or exceed Restriction of Hazard-
ous Substances (RoHS) compliance requirements as mandated by the RoHS Directive 2011/65/EU.
⁴ Controlled unload at ambient condition.
⁵ MTBF specifications are based upon internal testing using a 40°C base casting temperature. MTBF is based on
a sample population and is estimated by statistical measurements and acceleration algorithms. MTBF does not
predict an individual drive’s reliability and does not constitute a warranty.
⁶ Workload Rate is defined as the amount of user data transferred to or from the hard drive. Workload Rate is annual-
ized (TB transferred X (8760 / recorded power-on hours)). Workload Rate will vary depending on your hardware and
software components and configurations.
⁷ See support.wdc.com/warranty for regionally specific warranty details.
⁸ Power measurements at room-ambient temperature.
⁹ No non-recoverable errors during operating tests or after non-operating tests.
10
Sound power level.
14TB
12TB
10TB
10TB
8TB
Model Number¹
WD140EFFX
WD120EFAX
WD101EFAX
WD100EFAX
WD80EFAX
Interface²
SATA 6 Gb/s
SATA 6 Gb/s
SATA 6 Gb/s
SATA 6 Gb/s
SATA 6 Gb/s
Formatted capacity²
14TB
12TB
10TB
10TB
8TB
Form factor
3.5-inch
3.5-inch
3.5-inch
3.5-inch
3.5-inch
Native command queuing
Yes
Yes
Yes
Yes
Yes
Advanced Format (AF)
Yes
Yes
Yes
Yes
Yes
RoHS compliant³
Yes
Yes
Yes
Yes
Yes
Performance
Interface Transfer Rate² up to
210 MB/s
196 MB/s
215 MB/s
210 MB/s
198 MB/s
Cache (MB)²
512
256
256
256
256
Performance Class
5400 RPM Class
5400 RPM Class
5400 RPM Class
5400 RPM Class
5400 RPM Class
Reliability/Data Integrity
Load/unload cycles⁴
600,000
600,000
600,000
600,000
600,000
Non-recoverable errors per bits
read
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
MTBF (hours)⁵
1,000,000
1,000,000
1,000,000
1,000,000
1,000,000
Workload Rate (TB/year)⁶
180
180
180
180
180
Limited warranty (years)⁷
3
3
3
3
3
Power Management8
12VDC ±5% (A, peak)
5VDC ±5% (A, peak)
Average power requirements (W)
Read/Write
Idle
Standby and Sleep
1.85
6.5
3.0
0.8
1.84
6.3
2.9
0.6
1.75
8.4
4.6
0.5
1.79
5.7
2.8
0.5
1.85
8.8
5.3
0.8
Environmental Specifications⁹
Temperature (°C)
Operating
Non-operating
0 to 65
-40 to 70
0 to 65
-40 to 70
0 to 65
-40 to 70
0 to 65
-40 to 70
0 to 65
-40 to 70
Shock (Gs)
Operating, (2 ms, read/write)
Operating, (2 ms, read)
Non-operating (2 ms)
30
65
300
30
65
300
30
65
250
30
65
300
30
65
300
Acoustics (dBA)10
Idle
Seek (average)
20
29
20
29
34
38
20
29
27
29
Physical Dimensions
Height (in./mm, max)
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
Length (in./mm, max)
5.787/147
5.787/147
5.787/147
5.787/147
5.787/147
Width (in./mm, ± .01 in.)
4/101.6
4/101.6
4/101.6
4/101.6
4/101.6
Weight (lb/kg , ± 10%)
1.52/0.69
1.46/0.66
1.65/0.75
1.43/0.65
1.58/0.715



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com