Electronic Components Datasheet Search
  English  ▼

X  

LTC4126 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4126
Description  Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4126 Datasheet(HTML) 4 Page - Analog Devices

  LTC4126 Datasheet HTML 1Page - Analog Devices LTC4126 Datasheet HTML 2Page - Analog Devices LTC4126 Datasheet HTML 3Page - Analog Devices LTC4126 Datasheet HTML 4Page - Analog Devices LTC4126 Datasheet HTML 5Page - Analog Devices LTC4126 Datasheet HTML 6Page - Analog Devices LTC4126 Datasheet HTML 7Page - Analog Devices LTC4126 Datasheet HTML 8Page - Analog Devices LTC4126 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4126-ADJ
4
Rev. 0
For more information www.analog.com
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 3). VACIN = VCC = 5V, VBAT = 3.8V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: The LTC4126EV-ADJ is tested under conditions such that TJ ≈ TA.
The LTC4126EV-ADJ is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the –20°C
to 85°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
junction temperature (TJ in °C) is calculated from the ambient temperature
(TA, in °C) and power dissipation (PD, in watts) according to the formula:
TJ = TA + (PD • θJA),
where the package thermal impedance
θJA = 92°C/W).
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance, and
other environmental factors.
Note 4: See DC/DC Converter in Operation section.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILIM
OUT Current Limit
VOUT = 0V
80
mA
Pushbutton Pin (PBEN)
VIL
Logic Low Input Voltage
l
0.4
V
VIH
Logic High Input Voltage
l
1.1
V
RPU
Pull-up Resistance to BAT
VPBEN < VIL
4
MΩ
IIH
Logic High Input Leakage
VPBEN = VBAT
0
0.1
μA
tDBL
Debounce Time Low
348
425
503
ms
tDBH
Debounce Time High
23
43
63
ms
EN Pin
VIL
Logic Low Input Voltage
l
0.4
V
VIH
Logic High Input Voltage
l
1.1
V
IIL
Logic Low Input Leakage
0
1
μA
IIH
Logic High Input Leakage
0
1
μA
Logic Output Pins (STAT1, STAT2, ACPR)
VOL
Logic Low Output Voltage
100μA into Pin
0.2
V
VOH
Logic High Output Voltage
25μA out of Pin
VOUT – 0.2
V
Open-Drain Output (CHRG)
Pin Leakage Current
VCHRG = 5V
0
0.5
μA
Pin Pull-Down Current
VCHRG = 400mV
200
300
450
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com