Electronic Components Datasheet Search
  English  ▼

X  

LTC3315B Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3315B
Description  5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3315B Datasheet(HTML) 2 Page - Analog Devices

  LTC3315B Datasheet HTML 1Page - Analog Devices LTC3315B Datasheet HTML 2Page - Analog Devices LTC3315B Datasheet HTML 3Page - Analog Devices LTC3315B Datasheet HTML 4Page - Analog Devices LTC3315B Datasheet HTML 5Page - Analog Devices LTC3315B Datasheet HTML 6Page - Analog Devices LTC3315B Datasheet HTML 7Page - Analog Devices LTC3315B Datasheet HTML 8Page - Analog Devices LTC3315B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC3311
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 6V
EN, SSTT ............. –0.3V to Lesser of (VIN + 0.3V) or 6V
MODE/SYNC ........ –0.3V to Lesser of (VIN + 0.3V) or 6V
RT ........................ –0.3V to Lesser of (VIN + 0.3V) or 6V
FB ........................ –0.3V to Lesser of (VIN + 0.3V) or 6V
PGOOD......................................................... –0.3V to 6V
IPGOOD......................................................................5mA
Operating Junction Temperature Range (Notes 2, 3)
LTC3311J......................................... –40°C to +150°C
LTC3311H ........................................ –40°C to +150°C
Storage Temperature............................ –65°C to +150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
TOP VIEW
19
PGND
EN
AGND
VIN
VIN
PGND
PGOOD
MODE/SYNC
VIN
VIN
PGND
18-LEAD (3mm × 3mm) LQFN PACKAGE
θJA = 42°C/W, θJCbottom = 9°C/W, θJCtop = 62°C/W, θJB = 14°C/W
ΨJT = 1.25°C/W, θ VALUES DETERMINED PER JESD51-12
EXPOSED PAD (PIN 19) IS PGND, MUST BE SOLDERED TO PCB
18 17 16 15
6
7
8
9
1
2
3
4
5
14
13
12
11
10
ORDER INFORMATION
LEAD FREE – TRAY/REEL
AUTOMOTIVE PRODUCTS**
PART MARKING PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3311JV#PBF
LTC3311JV#WPBF
LHMN
18-Lead (3mm × 3mm) LQFN
(Laminate Package with QFN Footprint) –40°C to 150°C
LTC3311HV#PBF
LTC3311HV#WPBF
LTC3311JV#TRPBF
LTC3311JV#WTRPBF
LTC3311HV#TRPBF
LTC3311HV#WTRPBF
LTC3311JV#TRMPBF
LTC3311JV#WTRMPBF
LTC3311HV#TRMPBF
LTC3311HV#WTRMPBF
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com