Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 49 Page - Analog Devices

Part # LTC2977
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 45Page - Analog Devices LTC2977 Datasheet HTML 46Page - Analog Devices LTC2977 Datasheet HTML 47Page - Analog Devices LTC2977 Datasheet HTML 48Page - Analog Devices LTC2977 Datasheet HTML 49Page - Analog Devices LTC2977 Datasheet HTML 50Page - Analog Devices LTC2977 Datasheet HTML 51Page - Analog Devices LTC2977 Datasheet HTML 52Page - Analog Devices LTC2977 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
LTC3888-1
49
Rev. 0
For more information www.analog.com
surface mount applicability; and electrolytic capacitors
have higher ESR and can dry out. Sanyo OS-CON SVP(D)
series, Sanyo POSCAP TQC series, or Panasonic EE-FT
series aluminum electrolytic capacitors can be used in
parallel with high performance ceramic capacitors as
an effective means of achieving low ESR and high bulk
capacitance.
In addition to PWM bulk input capacitance, a small
(0.01μF to 1μF) bypass capacitor between the chip VIN
pin and ground, placed close to the LTC3888-1, is also
suggested. A small resistor placed between the bulk CIN
and the VIN pin/bypass provides further isolation between
rails. However, if the time constant of any such R-C net-
work on the VIN pin exceeds 30ns, dynamic line transient
response can be adversely affected.
COUT SELECTION
The selection of COUT is primarily determined by the ESR
required to minimize voltage ripple and load step tran-
sients. The output ripple ΔVOUT is approximately bounded
by:
ΔVOUT ≤ ΔIL ESR +
1
8 • f PWM •COUT
⎛
⎝
⎜
⎞
⎠
⎟
where ΔIL is the inductor ripple current.
ΔIL =
VOUT
L • f PWM
1–
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
Since ΔIL increases with input voltage, the output ripple
voltage is highest at maximum input voltage. Typically
once the ESR requirement is satisfied, the capacitance is
adequate for filtering and has the necessary RMS current
rating.
Manufacturers such as Sanyo, Panasonic and Cornell
Dubilier should be considered for high performance
through-hole capacitors. The OS-CON semiconductor
electrolyte capacitor available from Sanyo has a good
(ESR)(size) product. Additional ceramic capacitors in par-
allel with polarized capacitors is recommended to offset
the effect of lead inductance.
In surface mount applications, multiple capacitors may
have to be paralleled to meet the ESR or transient current
handling requirements of the application. Aluminum
electrolytic and dry tantalum capacitors are both avail-
able in surface mount configurations. New polymer sur-
face mount capacitors also offer very low ESR but have
much lower capacitive density. In the case of tantalum,
it is critical that the capacitors are surge tested for use
in switching power supplies. Several excellent output
capacitor choices include the Sanyo POSCAP TPD/E/F
series, the Kemet T520, T530 and A700 series, NEC/Tokin
NeoCapacitors and Panasonic SP series. Other suitable
capacitor types include Nichicon PL series and Sprague
595D series. Consult the manufacturer for other specific
recommendations.
PROGRAMMABLE LOOP COMPENSATION
Because the LTC3888-1 uses an OTA error amplifier
architecture, Type II compensation is most commonly
applied for stabilizing the voltage control loop as shown
in Figure 25. The LTC3888-1 offers programmable loop
compensation to optimize the transient response without
requiring a hardware change. Internal error amplifier gm
can be varied from 1mmho to 5.73 mmho, and internal
compensation resistor RITH can be varied from 1kΩ to
62kΩ with the MFR_PWM_COMP command. A maximum
of two external capacitors are then required to stabilize
each voltage control loop.
By adjusting EA gm and RITH the LTC3888-1 can pro-
vide flexible Type II compensation for loop optimization
over a wide range of output capacitance. Adjusting gm
will change compensation gain over the entire frequency
range without adjusting any pole-zero locations as shown
in Figure 26.
APPLICATIONS INFORMATION
Figure 25. Programmable Loop Compensation
–
+
VREF
FB
388812 F25
CTHP
CTH
ITH
RITH
ITHR
gm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com