Electronic Components Datasheet Search
  English  ▼

X  

LTC3884 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3884
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3884 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3884 Datasheet HTML 9Page - Analog Devices LTC3884 Datasheet HTML 10Page - Analog Devices LTC3884 Datasheet HTML 11Page - Analog Devices LTC3884 Datasheet HTML 12Page - Analog Devices LTC3884 Datasheet HTML 13Page - Analog Devices LTC3884 Datasheet HTML 14Page - Analog Devices LTC3884 Datasheet HTML 15Page - Analog Devices LTC3884 Datasheet HTML 16Page - Analog Devices LTC3884 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
LTC3888-1
13
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PWM
n (Pin 1, 2, 5, 42, 45, 46, 49, 50): PWM Control
Outputs. These eight pins provide 3.3V three-state PWM
switching control for each phase. Leave these pins open
if not used.
ISENSEn (Pin 3, 4, 43, 44, 47, 48, 51, 52): Current Sense
Inputs. These eight inputs connect to the current moni-
tor outputs of DrMOS devices. Short these pins to IREF
if not used.
VSENSE0–/VSENSE1– (Pin 6/Pin 41): Differential Amplifier
and ADC Output Voltage Sense Negative Inputs. Short
these pins to GND if not used.
VSENSE0+/VSENSE1+ (Pin 7/Pin 40): Differential Amplifier
and ADC Output Voltage Sense Positive Inputs. Short
these pins to VSENSE– if not used.
TSNS0/TSNS1 (Pin 8/Pin 39): External Temperature
Sense Inputs. Connect these pins to the shared tempera-
ture/fault bus of DrMOS devices, otherwise refer to the
Applications Information section for more detail.
VDR_MON (Pin 8): External Gate Drive Voltage Sense
Input. This pin can be programmed to monitor the gate
drive voltage the system is providing to external DrMOS
power stages. Refer to MFR_CHAN_CONFIG command
details.
ITH0/ITH1 (Pin 9/Pin 38): PWM Current Control Threshold
and Loop Compensation Nodes. Peak current increases
with ITH voltage. Attach a low ESR capacitor between
these pins and GND for adequate loop compensation.
Refer to the Applications Information section for more
details.
ITHR0/ITHR1 (Pin 10/Pin 37): Loop Compensation Nodes.
Attach a low ESR capacitor between these pins and GND
for adequate loop compensation. Refer to the Applications
Information section for more details.
DAOUT0/DAOUT1 (Pin 11/Pin 36): Differential Amplifier
Outputs. DAOUT0/1 provide a voltage equal to the dif-
ference between VSENSE+ and VSENSE– for that channel,
referenced to GND (paddle). Leave these pins open if not
used.
VFB0/VFB1 (Pin 12/Pin 35): Error Amplifier Inverting Input.
The PWM control loop regulates this voltage when the
output rail is on.
PGOOD0/PGOOD1 (Pin 13/Pin 34): Power Good Indicator
Open-Drain Outputs. These outputs are driven low through
an 80μs filter when the respective channel output is below
its programmed UV fault limit or above its programmed
OV fault limit. If used, a pull-up resistor is required in the
application.
CLKOUT (Pin 13): Expansion Clock Output. This output
provides a phase expansion clock to a second LTC3888-1
if bit 3 of MFR_PWM_ CONFIG_LTC3888-1 is set. If used,
a pull-up resistor is required. Minimize the capacitance
on this line to ensure its time constant is fast enough for
the application.
SYNC (Pin 14): External Clock Synchronization Input and
Open-Drain Output. If desired, an external clock can be
applied to this pin to synchronize the internal PWM chan-
nels. Otherwise this pin can pull to ground at the selected
PWM switching frequency with a 500ns pulse width. A
pull-up resistor to 3.3V is required if SYNC is provided by
the LTC3888-1. Minimize the capacitance on this line to
ensure its time constant is fast enough for the application.
SCL (Pin 15): Serial Bus Clock Input and Open-Drain
Output. SCL functions as an output only if clock stretch-
ing is enabled. A pull-up resistor to the bus supply is
required in the application.
SDA (Pin 16): Serial Bus Data Input and Open-Drain
Output. A pull-up resistor to the bus supply is required
in the application.
ALERT (Pin 17): Open-Drain Status Output. This pin may
be connected to the system SMBALERT# wire-AND inter-
rupt signal. A pull-up resistor to the bus supply is required
in the application. This pin should be left open if not used.
FAULT0/FAULT1 (Pin 18/Pin 19): Programmable Digital
Inputs and Open-Drain Outputs for Fault Sharing. These
pins are used for channel-to-channel fault communication
and propagation. A pull-up resistor to 3.3V is required in
the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com