Electronic Components Datasheet Search
  English  ▼

X  

LT8640S Datasheet(PDF) 7 Page - Analog Devices

Part # LT8640S
Description  5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640S Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8640S Datasheet HTML 3Page - Analog Devices LT8640S Datasheet HTML 4Page - Analog Devices LT8640S Datasheet HTML 5Page - Analog Devices LT8640S Datasheet HTML 6Page - Analog Devices LT8640S Datasheet HTML 7Page - Analog Devices LT8640S Datasheet HTML 8Page - Analog Devices LT8640S Datasheet HTML 9Page - Analog Devices LT8640S Datasheet HTML 10Page - Analog Devices LT8640S Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3311S
7
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Radiated EMI Performance (CISPR25 Radiated
Emissions Test with Class 5 Peak Limits)
Radiated EMI Performance (CISPR25 Radiated
Emissions Test with Class 5 Peak Limits)
CISPR25 Conducted EMI Performance (CISPR25
Conducted Emission Test with Class 5 Peak Limits)
DC3018A DEMO BOARD
(WITH EMI FILTER INSTALLED)
3.3V INPUT TO 1.2V OUTPUT AT 10A, fSW = 2MHz
CLASS 5 PEAK LIMIT
MEASURED EMISSIONS
AMBIENT NOISE
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
90
100
110
–20
–10
0
10
20
30
40
50
60
(CISPR25 Conducted Emission Test with Class 5 Peak Limits)
Conducted EMI Performance
3311S G25
DC3018A DEMO BOARD
(WITH EMI FILTER INSTALLED)
3.3V INPUT TO 1.2V OUTPUT AT 10A, fSW = 2MHz
HORIZONTAL POLARIZATION
CLASS 5 PEAK LIMIT
MEASURED EMISSIONS
AMBIENT NOISE
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
–20
–10
0
10
20
30
40
50
60
(CISPR25 Radiated Emission Test with Class 5 Peak Limits)
Radiated EMI Performance
3311S G26
DC3018A DEMO BOARD
(WITH EMI FILTER INSTALLED)
3.3V INPUT TO 1.2V OUTPUT AT 10A, fSW = 2MHz
VERTICAL POLARIZATION
CLASS 5 PEAK LIMIT
MEASURED EMISSIONS
AMBIENT NOISE
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
–20
–10
0
10
20
30
40
50
60
(CISPR25 Radiated Emission Test with Class 5 Peak Limits)
Radiated EMI Performance
3311S G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com