Electronic Components Datasheet Search
  English  ▼

X  

LT8650S Datasheet(PDF) 24 Page - Analog Devices

Part # LT8650S
Description  5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650S Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8650S Datasheet HTML 18Page - Analog Devices LT8650S Datasheet HTML 19Page - Analog Devices LT8650S Datasheet HTML 20Page - Analog Devices LT8650S Datasheet HTML 21Page - Analog Devices LT8650S Datasheet HTML 22Page - Analog Devices LT8650S Datasheet HTML 23Page - Analog Devices LT8650S Datasheet HTML 24Page - Analog Devices LT8650S Datasheet HTML 25Page - Analog Devices LT8650S Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LTC3311
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
2MHz, 1.0V, Forced Continuous
1.5A DC to 7.5A Step Load 6A/µs Transient, ±1.8% VOUT Deviation
3311 TA09a
EN
MODE/SYNC
SSTT
ITH
VOUT
1V
12.5A
PGOOD
SW
FB
AGND
RT
PGOOD
VIN
VIN
3.3V ±10%
PGND
LTC3311
1M
249k
22µF
124k
100pF
113k
100nH
VIN
20k
1.69M
270pF
3.3pF
22µF
0.1µF
0.1µF
0.1µF
47µF
x7
L = COILCRAFT, XEL4030-101ME
100k
VOUT
1 F
VIN
20µs/DIV
VOUT
20mV/DIV
7.5A
1.5A
3311 TA09b
IOUT
SLEW RATE = 6A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com