Electronic Components Datasheet Search
  English  ▼

X  

PC10016 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PC10016
Description  DIODE MODULE 100A/1200 to 1600V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC10016 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PC10016 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC10016 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PC10016 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIODE MODULE 100A/1200 to 1600V
Maximum Ratings
Approx Net Weight:155g
Type / Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PC10012 / PD10012 PC10016 / PD10016
Unit
Repetitive Peak Reverse Voltage *1
VRRM
1200
1600
Non Repetitive Peak Reverse Voltage *1
VRSM
1300
1700
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current *1
IO(AV)
50Hz Half Sine Wave condition
Tc=80°C
100
A
RMS Forward Current *1
IF(RMS)
156
A
Surge Forward Current *1
IFSM
50 Hz Half Sine Wave,1Pulse
Non-repetitive
2000
A
I Squared t *1
I2t
2msec to 10msec
20000
A2s
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2500
V
Case mounting
M6 Screw
2.4 to 3.5
Mounting torque
Terminals
Ftor
M5 Screw
2.4 to 2.8
N•m
Electrical • Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Reverse Current *1
IRM
VRM= VRRM, Tj= 125°C
20
mA
Peak Forward Voltage *1
VFM
IFM= 320A, Tj=25°C
1.35
V
Rth(j-c) Junction to Case
0.35
Thermal Resistance *1
Rth(c-f)
Base Plate to Heat Sink with Thermal
Compound
0.2
°C/W
*1: Value Per 1Arm
FEATURES
* Isolated Base
* Dual Diodes Cathode Common and
Cascaded Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PC10012 PC10016
PC10012 PC10016
PC10012 PC10016
PC10012 PC10016
PD10012 PD10
PD10012 PD10
PD10012 PD10
PD10012 PD10016
016
016
016
OUTLINE DRAWING
φ


Similar Part No. - PC10016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC10016 NIEC-PC10016 Datasheet
157Kb / 2P
100A Avg 12001600 Volts
logo
Kyocera Kinseki Corpota...
PC10016 KSS-PC10016 Datasheet
838Kb / 4P
Diode
More results

Similar Description - PC10016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC6012 NIEC-PC6012 Datasheet
213Kb / 3P
DIODE MODULE 60A/1200 to 1600V
PC15012 NIEC-PC15012 Datasheet
217Kb / 3P
DIODE MODULE 150A/1200 to 1600V
PC20012 NIEC-PC20012 Datasheet
204Kb / 3P
DIODE MODULE 200A/1200 to 1600V
PCH10012 NIEC-PCH10012 Datasheet
317Kb / 5P
THYRISTOR MODULE 100A/1200 to 1600V
PDT10012 NIEC-PDT10012 Datasheet
322Kb / 5P
THYRISTOR MODULE 100A/1200 to 1600V
PT10112 NIEC-PT10112 Datasheet
142Kb / 3P
DIODE MODULE 100A/1200V/1600V
logo
List of Unclassifed Man...
6RI100P-160 ETC2-6RI100P-160 Datasheet
148Kb / 3P
Diode Module 1600V / 100A
logo
Fuji Electric
6RI100P-160 FUJI-6RI100P-160 Datasheet
151Kb / 3P
Diode Module 1600V / 100A
logo
MacMic
MMK100U160UX6J MACMIC-MMK100U160UX6J Datasheet
255Kb / 4P
1600V 100A Thyristor/Diode Module
MMK150T160UX6J MACMIC-MMK150T160UX6J Datasheet
265Kb / 4P
1600V 100A Thyristor/Diode Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com