Electronic Components Datasheet Search
  English  ▼

X  

540004 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 540004
Description  Vacuum generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

540004 Datasheet(HTML) 1 Page - Festo Corporation.

  540004 Datasheet HTML 1Page - Festo Corporation. 540004 Datasheet HTML 2Page - Festo Corporation. 540004 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vacuum generator
OVEM-10-H-B-GO-OE-N-2N
Part number: 540004
Data sheet
Feature
Value
KC characters
KC EMC
Nominal width of Laval nozzle
0.95 mm
Width dimension
20 mm
Type code
OVEM
Muffler construction type
Open
Mounting position
Any
Ejector characteristics
High vacuum
Standard
Grade of filtration
40 µm
Manual override
Non-detenting
Additionally via operating buttons
Integrated function
Ejector pulse valve, electric
Flow control
Shut off valve, electric
Compressed air filter
Air saving function, electrical
Non-return valve
Pneumatic muffler open
Vacuum switch
Design
Modular
Short-circuit protection
yes
Measured variable
Relative pressure
Measuring principle
Piezoresistive
Switching element function
N/C contact
N/O contact
Switching function
Window comparator
Threshold value comparator
Symbol
00992102
Valve function
Open
Reverse polarity protection
for all electrical connections
Switching input to standard
IEC 61131-2
Display type
4-character alphanumeric
Back-lit LCD
Display range
-0.999 bar ... 0 bar
Displayable unit(s)
bar
Setting range threshold value
-0.999 bar ... 0 bar
Setting range hysteresis
-0.9 bar ... 0 bar
Setting options
Via display and pushbuttons
Switching position indication
LCD
3/7/21 - Subject to change - Festo AG & Co. KG
1/3


Similar Part No. - 540004

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
540004082 BELDEN-540004082 Datasheet
563Kb / 3P
1" Power Double-Ended Cordset: Male to Female, 8-pin, 600 V, 7 A; TPE yellow cable, 16 AWG
540004286 BELDEN-540004286 Datasheet
484Kb / 3P
1" Power Single-Ended Cordset: Male, 8-pin, 600 V, 7 A; TPE yellow cable, 16 AWG
540004287 BELDEN-540004287 Datasheet
484Kb / 3P
1" Power Single-Ended Cordset: Male, 8-pin, 600 V, 7 A; TPE yellow cable, 16 AWG
540004288 BELDEN-540004288 Datasheet
484Kb / 3P
1" Power Single-Ended Cordset: Male, 8-pin, 600 V, 7 A; TPE yellow cable, 16 AWG
540004387 BELDEN-540004387 Datasheet
1,000Kb / 3P
7/8" Power Double-Ended Cordset: Male straight to female straight, 5-pin, yellow body, 600 V (UL), 8 A (UL); TPE yellow cable, 16 AWG
03-22-2023
More results

Similar Description - 540004

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com