Electronic Components Datasheet Search
  English  ▼

X  

2SB970 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB970
Description  Silicon PNP epitaxial planer type(For low-voltage output amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB970 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB970 Datasheet HTML 1Page - Panasonic Semiconductor 2SB970 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SB970
Silicon PNP epitaxial planer type
For low-voltage output amplification
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–15
–10
–7
–1
– 0.5
200
150
–55 ~ +150
Unit
V
V
V
A
A
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = –10V, IE = 0
IC = –10µA, IE = 0
IC = –1mA, IB = 0
IE = –10µA, IC = 0
VCE = –2V, IC = –0.5A
*2
VCE = –2V, IC = –1A
*2
IC = –0.4A, IB = –8mA
IC = –0.4A, IB = –8mA
VCB = –10V, IE = 50mA, f = 200MHz
VCB = –10V, IE = 0, f = 1MHz
min
–15
–10
–7
130
60
typ
– 0.16
– 0.8
130
22
max
–100
350
– 0.3
–1.2
Unit
nA
V
V
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
R
S
hFE1
130 ~ 220
180 ~ 350
Marking Symbol
1RR
1RS
Marking symbol :
1R
*2 Pulse measurement


Similar Part No. - 2SB970

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB970 PANASONIC-2SB970 Datasheet
235Kb / 6P
2SB970 Si PNP EPITAXIAL PLANAR / 2SB977 2SB977A Si PNP EPITAXIAL PLANAR DARLINGTON / 2SC1547 Si NPN PLANAR
logo
Guangdong Kexin Industr...
2SB970 KEXIN-2SB970 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB970-HF KEXIN-2SB970-HF_15 Datasheet
933Kb / 2P
PNP Transistors
2SB970-R-HF KEXIN-2SB970-R-HF Datasheet
933Kb / 2P
PNP Transistors
2SB970-S-HF KEXIN-2SB970-S-HF Datasheet
933Kb / 2P
PNP Transistors
More results

Similar Description - 2SB970

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1207 PANASONIC-2SB1207 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For low-voltage output amplification)
2SB1398 PANASONIC-2SB1398 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1434 PANASONIC-2SB1434 Datasheet
60Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1438 PANASONIC-2SB1438 Datasheet
39Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1446 PANASONIC-2SB1446 Datasheet
39Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1589 PANASONIC-2SB1589 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB767 PANASONIC-2SB767 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB779 PANASONIC-2SB779 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB819 PANASONIC-2SB819 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB976 PANASONIC-2SB976 Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com