Electronic Components Datasheet Search
  English  ▼

X  

TPR-1W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPR-1W
Description  1W 3KVDC Isolated Single Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPR-1W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPR-1W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPR-1W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPR-1W Datasheet HTML 3Page - Toppower Electronic Technology Limited TPR-1W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPR-1W Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION:
The TPR-1W series are miniature, isolated 1W DC/DC converters in a SIP package. They
offer the ideal solution in many space critical applications for board level power distribution.
The internal SMD construction makes it possible to offer a product with high performance
at low cost. The series offers smaller size, improved efficiency, lower output ripple noise
and 3KVDC isolation.
1W 3KVDC Isolated Single Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPR0303S-1W
3.3
3.3
303/30.3
72
TPR0305S-1W
3.3
5
200/20
74
TPR0503S-1W
5
3.3
303/30.3
72
TPR0505S-1W
5
5
200/20
68
TPR0509S-1W
5
9
111/11.1
78
TPR0512S-1W
5
12
84/8.1
76
TPR0515S-1W
5
15
68/6.8
79
TPR0524S-1W
5
24
42/4.2
81
TPR1203S-1W
12
3.3
303/30.3
74
TPR1205S-1W
12
5
200/20
69
TPR1209S-1W
12
9
111/11.1
76
TPR1212S-1W
12
12
84/8.4
77
TPR1215S-1W
12
15
68/6.8
76
TPR1224S-1W
12
24
42/4.2
84
TPR1505S-1W
15
5
200/20
69
TPR1512S-1W
15
12
83/8.3
76
TPR1515S-1W
15
15
67/6.7
75
TPR2405S-1W
24
5
200/20
71
TPR2409S-1W
24
9
111/11.1
78
TPR2412S-1W
24
12
84/8.4
78
TPR2415S-1W
24
15
68/6.8
80
TPR2424S-1W
24
24
42/4.2
80
TPR2404S-1W
24
3.6
277/27.7
74
Add suffix “P” for continuous short circuit protection, for example TPR0505SP-1W.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5
5.5
V
Voltage range
12V input
11
12
13.3
V
Voltage range
15V input
13.4
15
16.4
V
Voltage range
24V input
22
24
26.6
V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
3000
VDC
Resistance
Viso=1000VDC
1
GΩ
FEATURES
RoHS compliant
3KVDC isolation
Efficiency up to 80%
Operating temperature: -40℃ to 105℃
Power density up to 0.90W/cm3
UL 94V-0 package material
Footprint from 1.17cm2
Industry standard pinout
Input voltage:3.3V,5V, 12V, 15V, 24V
Output voltage: 3.3V,3.6V,5V, 9V,12V, 15V, 24V,etc
Custom solutions available
CE certification
TOPPOWER


Similar Part No. - TPR-1W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPR-120-12S TOPPOWER-TPR-120-12S Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-24S TOPPOWER-TPR-120-24S Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-48S TOPPOWER-TPR-120-48S Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-XS TOPPOWER-TPR-120-XS Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-15-12S TOPPOWER-TPR-15-12S Datasheet
925Kb / 6P
15~15.6W AC-DC DIN RAIL Power Supply
More results

Similar Description - TPR-1W

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_MEV MURATA-KDC_MEV Datasheet
140Kb / 4P
3kVDC Isolated 1W Single Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPET TOPPOWER-TPET Datasheet
190Kb / 3P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
1W 3KVDC Isolated Regulated Single Output DC/DC Converters
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPET TOPPOWER-TPET_V01 Datasheet
786Kb / 4P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V02 Datasheet
249Kb / 4P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com