Electronic Components Datasheet Search
  English  ▼

X  

80EPF10 Datasheet(PDF) 3 Page - International Rectifier

Part # 80EPF10
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80EPF10 Datasheet(HTML) 3 Page - International Rectifier

  80EPF10 Datasheet HTML 1Page - International Rectifier 80EPF10 Datasheet HTML 2Page - International Rectifier 80EPF10 Datasheet HTML 3Page - International Rectifier 80EPF10 Datasheet HTML 4Page - International Rectifier 80EPF10 Datasheet HTML 5Page - International Rectifier 80EPF10 Datasheet HTML 6Page - International Rectifier 80EPF10 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
80EPF.. HV QUIET
IR Series
Bulletin I2131 rev. B 10/01
www.irf.com
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC Max. Thermal Resistance Junction
0.35
°C/W
DCoperation
to Case
R
thJA Max. Thermal Resistance Junction
40
°C/W
toAmbient
R
thCS Typical Thermal Resistance, Case to
0.2
°C/W
Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
6 (0.21)
g(oz.)
T
MountingTorque
Min.
6 (5)
Max.
12 (10)
CaseStyle
TO-247AC
JEDEC
Thermal-Mechanical Specifications
Parameters
80EPF..
Units
Conditions
Kg-cm
(Ibf-in)
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
0
25
50
75
10 0
12 5
15 0
17 5
20 0
0
20406080
1 00
1 20
1 40
DC
180
120
90
60
30
RM S Lim it
C o nd u ction P e riod
Averag e Forw ard C urrent (A)
80EPF.. Se rie s
T = 150 C
J
0
20
40
60
80
100
120
140
0
10
203 0
4 0
5 06 0
70
809 0
RM S Lim it
180
120
90
60
30
Co nd uc tio n A ng le
Averag e Forw ard C urrent (A)
80EPF.. Se rie s
T = 150 C
J
80
90
100
110
120
130
140
150
0
1 0203 0
4 050
607 080
90
30
60
90
120
180
Co nd uctio n A ng le
Avera g e Forw a rd C urren t (A)
80EPF.. S eries
R
(D C ) = 0.35 C / W
thJ C
80
90
100
110
120
130
140
150
0
2 0
406 08 0
1 0 0
1 20
14 0
DC
30
60
90
120
180
Co nd u c tion P e rio d
Averag e Forw ard C urrent (A )
80EPF.. S eries
R
(D C ) = 0.35 C / W
thJ C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com