Electronic Components Datasheet Search
  English  ▼

X  

ESDA05 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDA05
Description  Electrical Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESDA05 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESDA05 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA05 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ESD
4. Soldering Recommendations
4-1 Soldering profile
4-1-1 Pb free solder paste
4-1-2 Repair soldering
-
Allowable time and temperature for making correction with a soldering iron
: 350
± 10 ℃, 3 sec.
-
Optimum solder amount when corrections are made using a soldering iron
4-2 Soldering guidelines
-
Our chip varistors are designed for reflow soldering only. Do not use flow soldering
-
Use non-activated flux (Cl content 0.2% max.)
-
Follow the recommended soldering conditions to avoid varistor damage.
ESDA05
Rev :
www.leiditech.com
01.06.2018
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com