Electronic Components Datasheet Search
  English  ▼

X  

FMB01 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # FMB01
Description  Timers Multifunction Type FMB01
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FMB01 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  FMB01 Datasheet HTML 1Page - Carlo Gavazzi Holding AG FMB01 Datasheet HTML 2Page - Carlo Gavazzi Holding AG FMB01 Datasheet HTML 3Page - Carlo Gavazzi Holding AG FMB01 Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications are subject to change without notice (21.03.08)
1
Product Description
Ordering Key
Multifunction
Multifunction timer with 7
functions
and
selectable
time range from 0.05 sec-
onds to 300 hours.
48 x 48 mm for front panel
mounting
and
on
11-pin
socket.
• Time range 0.05 s to 300 h
• Knob selection of time range
• Knob adjustable time setting
• Knob selection of operating mode (7 functions):
Op - delay on operate
Rb - symmetrical recycler OFF first
R
- symmetrical recycler ON first
Id
- double interval
Dr - delay on release
In
- interval
Io
- interval on trigger open
• Manual start
• Gate and reset inputs
• Repeatability: ±0.2% on full scale
• Output: 8 A DPDT relay
• 48 x 48 mm housing for front panel mounting
• 11 pin socket
• LED indication for relay status and power supply ON
Type Selection
FMB 01 D W24
Housing
Function
Type
Item number
Output
Power supply
Mounting
Output
Plug
Supply: 12 to 240 VAC/DC
Front or socket
DPDT
11-pin
FMB01DW24
Time Specifications
Time ranges
Knob selectable
Full scale 12
0.02 to
1.2s
0.2
to
12s
2
to
120s
0.2
to
12min
2
to
120min
0.2
to
12h
2
to
120h
Full scale 30
0.05 to
3s
0.5
to
30s
5
to
300s
0.5
to
30min
5
to
300min
0.5
to
30h
5
to
300h
Setting accuracy
± 5% on full scale ±50 ms
Repeatability
± 0.2% on full scale or
± 200 ms
Time variation
Within rated power supply
≤ 0.05%/V
Within ambient temperature
≤ 0.2%/°C
Reset
Power supply interruption
>100 ms
Pulse width
> 50 ms
Type FMB01
Timers
Power Supply
Overvoltage cat II
Rated operational voltage
(IEC 60947-1)
throuhgt terminals:
2, 10
12 to 240 VDC + 10% - 15%
12 to 240 VAC + 10% -15%,
45 to 65 Hz
Power consuption
Rated operational power
AC
3 VA
DC
1.5 W
Supply Specifications
Output
DPDT relay
Rated insulation voltage
250 VAC
Contact ratings (AgSnO2)µ
Resistive loads
AC 1
8 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 8 A, 250 V, cos
ϕ = 1)
Operating frequency
≤ 3600 operations/h
Dielectric strength
Dielectric voltage
≥ 2 kVAC (rms)
Rated impulse withstand volt. 4 kV (1.2/50 µs)
Output Specifications


Similar Part No. - FMB01

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
FMB01 KEC-FMB01 Datasheet
367Kb / 1P
SEMICONDUCTOR PACKAGE DIMENSION
FMB01 KEC-FMB01 Datasheet
367Kb / 1P
SEMICONDUCTOR PACKAGE DIMENSION
More results

Similar Description - FMB01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
List of Unclassifed Man...
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
Timers Multifunction
logo
SHINMEI ELECTRIC CO., L...
TSW-41 SHINMEI-TSW-41 Datasheet
92Kb / 2P
Multifunction Type Tactile Switches
logo
Carlo Gavazzi Holding A...
DAC51 CARLOGAVAZZI-DAC51 Datasheet
76Kb / 2P
Timers Star Delta Timer Type
DMC01 CARLOGAVAZZI-DMC01 Datasheet
241Kb / 6P
Timers Multifunction
DMB51 CARLOGAVAZZI-DMB51 Datasheet
144Kb / 4P
Timers Multifunction
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
ECSSM23A10SF CARLOGAVAZZI-ECSSM23A10SF Datasheet
114Kb / 2P
Timers Symmetrical Recycler Type ECS
EBS CARLOGAVAZZI-EBS Datasheet
95Kb / 2P
Timers Interval Type EBS
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
Timers Delay on Operate Type EAS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com