Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3892
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3892 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3892 Datasheet HTML 20Page - Analog Devices LTC3892 Datasheet HTML 21Page - Analog Devices LTC3892 Datasheet HTML 22Page - Analog Devices LTC3892 Datasheet HTML 23Page - Analog Devices LTC3892 Datasheet HTML 24Page - Analog Devices LTC3892 Datasheet HTML 25Page - Analog Devices LTC3892 Datasheet HTML 26Page - Analog Devices LTC3892 Datasheet HTML 27Page - Analog Devices LTC3892 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LTC7802
24
Rev. 0
For more information www.analog.com
returns to a safe level, normal operation automatically
resumes.
A shorted top MOSFET will result in a high current con-
dition which will open the system fuse. The switching
regulator will regulate properly with a leaky top MOSFET
by altering the duty cycle to accommodate the leakage.
Fault Conditions: Overtemperature Protection
At higher temperatures, or in cases where the internal
power dissipation causes excessive self-heating (such as
a short from INTVCC to ground) internal overtemperature
shutdown circuitry will shut down the LTC7802. When
the internal die temperature exceeds 180°C, the INTVCC
LDO and gate drivers are disabled. When the die cools
to 160°C, the LTC7802 enables the INTVCC LDO and
resumes operation beginning with a soft-start startup.
Long-term overstress (TJ > 125°C) should be avoided
as it can degrade the performance or shorten the life of
the part.
Phase-Locked Loop and Frequency Synchronization
The LTC7802 has an internal phase-locked loop (PLL)
which allows the turn-on of the top MOSFET of controller
1 to be synchronized to the rising edge of an external
clock signal applied to the PLLIN/SPREAD pin. The turn
on of controller 2’s top MOSFET is thus 180° out of phase
with the external clock.
Rapid phase-locking can be achieved by using the FREQ
pin to set a free-running frequency near the desired
synchronization frequency. Before synchronization,
the PLL is prebiased to the frequency set by the FREQ
pin. Consequently, the PLL only needs to make minor
adjustments to achieve phase-lock and synchronization.
Although it is not required that the free-running frequency
be near the external clock frequency, doing so will pre-
vent the oscillator from passing through a large range of
frequencies as the PLL locks.
When synchronized to an external clock, the LTC7802
operates in pulse-skipping mode if it is selected by the
MODE pin, or in forced continuous mode otherwise. The
LTC7802 is guaranteed to synchronize to an external
clock applied to the PLLIN/SPREAD pin that swings up
to at least 2.2V and down to 0.5V or less. Note that the
LTC7802 can only be synchronized to an external clock
frequency within the range of 100kHz to 3MHz.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC7802 circuits: 1) IC VIN current, 2) INTVCC
regulator current, 3) I2R losses, 4) Topside MOSFET tran-
sition losses.
1. The VIN current is the DC supply current given in
the Electrical Characteristics table, which excludes
MOSFET driver and control currents. Other than at very
light loads in burst mode, VIN current typically results
in a small (<0.1%) loss.
2. INTVCC current is the sum of the MOSFET driver and
control currents. The MOSFET driver current results
from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge, dQ, moves
from INTVCC to ground. The resulting dQ/dt is a current
out of INTVCC that is typically much larger than the
control circuit current. In continuous mode, IGATECHG
= fSW(QT + QB), where QT and QB are the gate charges
of the top and bottom MOSFETs.
Supplying INTVCC from an output-derived source
through EXTVCC will scale the VIN current required
for the driver and control circuits by a factor of VOUT/
(VIN • Efficiency). For example, in a 20V to 5V applica-
tion, 10mA of INTVCC current results in approximately
2.5mA of VIN current. This reduces the mid-current
loss from 10% or more (if the driver was powered
directly from VIN) to only a few percent.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com