Electronic Components Datasheet Search
  English  ▼

X  

LTM4609 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4609
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4609 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4609 Datasheet HTML 7Page - Analog Devices LTM4609 Datasheet HTML 8Page - Analog Devices LTM4609 Datasheet HTML 9Page - Analog Devices LTM4609 Datasheet HTML 10Page - Analog Devices LTM4609 Datasheet HTML 11Page - Analog Devices LTM4609 Datasheet HTML 12Page - Analog Devices LTM4609 Datasheet HTML 13Page - Analog Devices LTM4609 Datasheet HTML 14Page - Analog Devices LTM4609 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM4656/LTM4656-1
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
When the TMR pin reaches 1.275V, the FLT pin is latched
low as an early warning of impending shutdown, then it
continues unabated until the TMR reaches 1.375V, pro-
ducing an early warning period given by:
tFLT = 0.01µF •
1.275V – 0.5V
ITMR
tWARN = 0.01µF •
1.375V – 1.275V
ITMR
ITMR taken from Figure 1.
Because ITMR is a function of VIN–SENSE1, the exact time
in current limit depends upon the input waveform and the
time required for the output current to come into regula-
tion. Testing of the overall solution should be verified, and
compared to the MOSFET SOA curves.
COOLDOWN PHASE
Cooldown behavior is initiated by overcurrent. During
the cooldown phase, the timer continues to charge from
1.375V to 4.3V with 2µA, and then discharges back down
to 0.5V with 2µA, for a total equivalent voltage swing of
6.725V. The cooldown time is given by:
tCOOL = 0.01µF •
6.725V
2µA
= 33.6ms
This long cool time assures that during retry the MOSFET
does not overheat.
The LTM4656 will auto-retry at the end of the cooldown
phase.Retryisautomaticallyinitiated.Thecooldownphase
may be interrupted in the LTM4656 by pulling SHDN low
for at least 10ms.
The FLT pin goes high in shutdown and is cleared high
when power is first applied to VIN.
Brief overcurrent conditions interrupt the operation of
the timer. If the TMR pin has not yet reached 1.275V
when fault drops out of current limit, the timer capacitor
is discharged back to 0.5V with a 2µA current sink. If the
TMR voltage crosses 1.275V, then FLT is set low. If the
overcurrent abates before reaching 1.375V, the timer
capacitor discharges with 2µA back to 0.5V, whereupon
FLT resets high. If several short overcurrent events occur
in rapid succession, the timer capacitor will integrate the
charging and discharging currents. Figure 20 shows an
overcurrent fault wave from and a retry cycle.
MIN MOSFET SOA CURVE
Figure 3 shows the MIN MOSFET SOA curve. This curve
can be compared to the period of time the MIN Power
MOSFET stays on during a fault condition with an over-
current flowing through MIN, and the worse-case voltage
across the MIN MOSFET.
Figure 3. MIN Internal MOSFET SOA Curves
DC
10s
1s
100ms
10ms
1ms
TA = 25°C
SINGLE PULSE
TJ = MAX RATED
THIS AREA IS
LIMITED BY
RDS(ON)
RθJA = 125°C/W
VDS, DRAIN TO SOURCE VOLTAGE (V)
0.01
0.1
1
10
100 200
0.01
0.1
1
10
100
400
4656 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com