Electronic Components Datasheet Search
  English  ▼

X  

LTM8052 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM8052
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8052 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM8052 Datasheet HTML 12Page - Analog Devices LTM8052 Datasheet HTML 13Page - Analog Devices LTM8052 Datasheet HTML 14Page - Analog Devices LTM8052 Datasheet HTML 15Page - Analog Devices LTM8052 Datasheet HTML 16Page - Analog Devices LTM8052 Datasheet HTML 17Page - Analog Devices LTM8052 Datasheet HTML 18Page - Analog Devices LTM8052 Datasheet HTML 19Page - Analog Devices LTM8052 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM8051
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the mini-
mum recommended values for the associated operating
conditions. Applying capacitor values below those indi-
cated in Table 1 is not recommended and may result in
undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response,
if it is necessary. Again, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable. X5R
and X7R types are stable over temperature and applied
voltage and give dependable service. Other types, includ-
ing Y5V and Z5U have very large temperature and voltage
coefficients of capacitance. In an application circuit they
may have only a small fraction of their nominal capaci-
tance resulting in much higher output voltage ripple
than expected.
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN
VOUT
(V)
RFB
(kΩ)
CIN2
COUT
BIAS
CFF
fSW
(kHz)
RT (kΩ)
MAX fSW
(kHz)
MINRT
(kΩ)
3V to 40V1
0.8
Open
1µF 50V X5R 0805 2 x 100uF 4V X5R 0805
3.2V to 10V
47pF
450
75
1200
24.9
3V to 40V1
1
1000
1µF 50V X5R 0805 2 x 100uF 4V X5R 0805
3.2V to 10V
33pF
550
60.4
1400
21
3V to 40V1
1.2
499
1µF 50V X5R 0805 2 x 100uF 4V X5R 0805
3.2V to 10V
22pF
650
49.9
1400
21
3V to 40V1
1.5
287
1µF 50V X5R 0805 2 x 100uF 4V X5R 0805
3.2V to 10V
22pF
800
40.2
1400
21
3.2V to 40V1
1.8
200
1µF 50V X5R 0805
100uF 4V X5R 0805
3.2V to 10V
-
800
40.2
1800
15
3.5V to 40V1
2
165
1µF 50V X5R 0805
100uF 4V X5R 0805
3.2V to 10V
-
900
34.8
1800
15
4.2V to 40V1
2.5
118
1µF 50V X5R 0805
100uF 4V X5R 0805
3.2V to 10V
-
1100
27.4
2000
13.3
5V to 40V1
3.3
78.7
1µF 50V X5R 0805
100uF 4V X5R 0805
3.2V to 10V
-
1200
24.9
2800
8.06
7V to 40V1
5
47.5
1µF 50V X5R 0805
47uF 6.3V X5R 0805
3.2V to 10V
-
1300
22.1
3000
7.15
10.5V to 40V1
8
27.4
1µF 50V X5R 0805
22uF 10V X5R 0805
3.2V to 10V
-
1700
16.5
3000
7.15
Note 1: The LTM8051 may be capable of the operating at lower input voltages but may skip switching cycles.
Note 2: A bulk input capacitor is required.
Ceramic capacitors are also piezoelectric. In Burst Mode
operation, the LTM8051’s switching frequency depends
on the load current, and can excite a ceramic capacitor
at audio frequencies, generating audible noise. Since the
LTM8051 operates at a lower current limit during Burst
Mode operation, the noise is typically very quiet to a
casual ear.
If this audible noise is unacceptable, use a high perfor-
mance electrolytic capacitor at the output. It may also be
a parallel combination of a ceramic capacitor and a low
cost electrolytic capacitor.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8051. A
ceramic input capacitor combined with trace or cable
inductance forms a high-Q (underdamped) tank circuit.
If the LTM8051 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot-Plugging Safely section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com