Electronic Components Datasheet Search
  English  ▼

X  

LTM8071 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM8071
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8071 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM8071 Datasheet HTML 13Page - Analog Devices LTM8071 Datasheet HTML 14Page - Analog Devices LTM8071 Datasheet HTML 15Page - Analog Devices LTM8071 Datasheet HTML 16Page - Analog Devices LTM8071 Datasheet HTML 17Page - Analog Devices LTM8071 Datasheet HTML 18Page - Analog Devices LTM8071 Datasheet HTML 19Page - Analog Devices LTM8071 Datasheet HTML 20Page - Analog Devices LTM8071 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTM8051
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Frequency Selection
The LTM8051 uses a constant frequency PWM architec-
ture that can be programmed to switch from 300kHz to
3MHz by using a resistor tied from the RT pin to ground.
Table 2 provides a list of RT resistor values and their resul-
tant frequencies. The resistors in the table are standard
1% E96 values.
Operating Frequency Trade-Offs
It is recommended that the user apply the optimal RT value
given in Table 1 for the input and output operating condi-
tion. When using the LTM8051 with different output volt-
ages, the higher frequency recommended by Table 1 will
usually result in the best operation. System level or other
considerations, however, may necessitate another operat-
ing frequency. While the LTM8051 is flexible enough to
accommodate a wide range of operating frequencies, a
haphazardly chosen one may result in undesirable opera-
tion under certain operating or fault conditions. A fre-
quency that is too high can reduce efficiency, generate
excessive heat or even damage the LTM8051 if the output
is overloaded or short-circuited. A frequency that is too
low can result in a final design that has too much output
ripple or too large of an output capacitor.
BIAS
n Pin Considerations
The BIAS
n pin is used to provide drive power for the
internal power switching stage and operate other internal
circuitry. For proper operation, it must be powered by at
least 3.2V. If the output voltage is programmed to 3.2V
or higher, BIAS
n may be simply tied to VOUTn. If VOUTn
is less than 3.2V, BIAS
n can be tied to VINn or some
other voltage source. If the BIAS
n pin voltage is too high,
the efficiency of the LTM8051 may suffer. The optimum
BIAS
n voltage is dependent upon many factors, such as
load current, input voltage, output voltage and switching
frequency. In all cases, ensure that the maximum volt-
age at the BIAS
n pin is less than 10V. If BIASn power is
applied from a remote or noisy voltage source, it may be
necessary to apply a decoupling capacitor locally to the
pin. A 1µF ceramic capacitor works well. The BIAS
n pin
may also be tied to GND at the cost of a small degradation
in efficiency.
Maximum Load
The maximum practical continuous load that the
LTM8051 can drive per channel, while rated at 1.2A,
actually depends upon both the internal current limit
and the internal temperature. The internal current limit is
designed to prevent damage to the LTM8051 in the case
of overload or short-circuit. The internal temperature of
the LTM8051 depends upon operating conditions such
as the ambient temperature, the power delivered, and
the heat sinking capability of the system. For example,
if VOUT1 of LTM8051 is configured to regulate at 1V, and
the other 3 channels are turned off, VOUT1 may continu-
ously deliver 3A from 24VIN if the ambient temperature
is controlled to less than 60°C. This is quite a bit higher
than the 1.2A continuous rating. Please see graphs in the
Typical Performance Characteristics section. Similarly,
if all 4 channels of the LTM8051 are delivering 8VOUT
and the ambient temperature is 100°C, each channel will
deliver at most 0.6A from 24VIN, which is less than the
1.2A continuous rating.
Table 2. Switching Frequency vs RT Value
fSW (MHz)
RT (kΩ)
0.3
113
0.4
86.6
0.5
68.1
0.6
54.9
0.7
46.4
0.8
40.2
0.9
34.8
1.0
30.9
1.2
24.9
1.4
21.0
1.6
17.8
1.8
15.0
2.0
13.3
2.2
11.5
2.4
10.2
2.6
9.09
2.8
8.06
3.0
7.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com