Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM4643
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 15Page - Analog Devices LTM4643 Datasheet HTML 16Page - Analog Devices LTM4643 Datasheet HTML 17Page - Analog Devices LTM4643 Datasheet HTML 18Page - Analog Devices LTM4643 Datasheet HTML 19Page - Analog Devices LTM4643 Datasheet HTML 20Page - Analog Devices LTM4643 Datasheet HTML 21Page - Analog Devices LTM4643 Datasheet HTML 22Page - Analog Devices LTM4643 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTM8051
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Load Sharing
The four LTM8051 channels may be paralleled to produce
higher currents. To do this on two or more LTM8051, tie
the VINn, VOUTn, FBn and SHAREn pins of all the paral-
leled channels/modules together (see Figure 7). To ensure
that paralleled channels start up together, the TRSS
n pins
may be tied together, as well. If it is inconvenient to tie
the TRSS
n pins together, make sure that the same value
soft-start capacitors are used for each µModule regulator.
When load sharing among n units and using a single RFB
resistor, the value of the resistor is:
RFB =
199.2
n(VOUT −0.8)
,where RFB is in kΩ
Examples of load sharing applications are given in Figure 6
through Figure 8.
Burst Mode Operation
To enhance efficiency at light loads, the LTM8051
automatically switches to Burst Mode operation which
keeps the output capacitor charged to the proper volt-
age while minimizing the input quiescent current. During
Burst Mode operation, the LTM8051 delivers single cycle
bursts of current to the output capacitor followed by sleep
periods where most of the internal circuitry is powered off
and energy is delivered to the load by the output capacitor.
During the sleep time, VINn and BIASn quiescent currents
are greatly reduced, so, as the load current decreases
towards a no load condition, the percentage of time that
the LTM8051 operates in sleep mode increases and the
average input current is greatly reduced, resulting in
higher light load efficiency.
Burst Mode operation is enabled by tying SYNC to GND.
Minimum Input Voltage
The LTM8051 is a step-down converter, so a minimum
amount of headroom is required to keep the output in
regulation. Keep the input above 3V to ensure proper
operation. Voltage transients or ripple valleys that cause
the input to fall below 3V may turn off the LTM8051.
VIN1 must be above 3V for channel 1 and channel 4 to
operate. If VIN1 is above 3V, channel 4 will operate as long
as VIN4 is above 2V.
VIN23 must be above 3V for channel 2 and channel 3 to
operate.
Output Voltage Tracking and Soft-Start
The LTM8051 allows the user to adjust its output voltage
ramp rate by means of the TRSS
n pin. An internal 2μA
pulls up the TRSS
n pin to about 2.4V. Putting an external
capacitor on TRSS
n enables soft starting the output to
reduce current surges on the input supply. During the
soft-start ramp the output voltage will proportionally track
the TRSS
n pin voltage. For output tracking applications,
TRSS
n can be externally driven by another voltage source.
From 0V to 0.8V, the TRSS
n voltage will override the
internal 0.8V reference input to the error amplifier, thus
regulating the FB
n pin voltage to that of the TRSSn pin.
When TRSS
n is above 0.8V, tracking is disabled and the
feedback voltage will regulate to the internal reference
voltage. The TRSS
n pin may be left floating if the function
is not needed.
An active pull-down circuit is connected to the TRSS
n
pin which will discharge the external soft-start capacitor
in the case of fault conditions and restart the ramp when
the faults are cleared. Fault conditions that clear the soft-
start capacitor are the RUN
n pin transitioning low, VINn
voltage falling too low, or thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com