Electronic Components Datasheet Search
  English  ▼

X  

LB800LVF Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LB800LVF
Description  Radial leaded devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LB800LVF Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LB800LVF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LB800LVF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1 of 2
Features
Radial leaded devices
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
High voltage surge capabilities
Product Dimensions (mm)
A
B
C
D
E
Lead
Part number
Max.
Max.
Min.
Max.
Min.
Max.
Size(φ)
15.5
22.5
4.4
5.8
7.6
3.8
0.6
Marking system
LB
Product family
Current rating
LV
* Lead materials: Tin-plate metal wire.
* Lead-free devices are available,
the right logo is lead-free mark of wayon.
Electrical Characteristics
IH
IT
Max. Time-to-trip
Vmax
interrupt
Imax
Rmin
Rmax
Part number
(A)
(A)
Current(A)
Time(s)
(V)
(A)
(Ω)
(Ω)
0.80
1.80
4.00
40.0
265
10.0
0.30
0.70
IH=Hold current: maximum current at which the device will not trip at 25℃ still air.
IT=Trip current: minimum current at which the device will always trip at 25℃ still air.
Max. Time-to-trip =Maximum time to trip(s) at assigned current.
Vmax=Maximum voltage device can withstand without damage at rated current.
Imax=Maximum fault current device can withstand without damage at rated voltage.
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping
Rmax= Maximum device resistance at 25℃ prior to tripping
Thermal Derating Chart-IH(A)
Maximum ambient operating temperatures(℃)
Part number
-40
-20
0
25
40
50
60
70
85
1.28
1.20
1.00
0.80
0.64
0.56
0.48
0.40
0.28
Package Information
Bulk: 500pcs per bag.
LB800LVF
LB800LVF
LB800LVF
LB800LVF


Similar Part No. - LB800LVF

ManufacturerPart #DatasheetDescription
logo
Europa PLC
LB800 EUROPA-LB800 Datasheet
774Kb / 1P
Handles, Shafts and Extended Shafts for Enclosed and Door Interlocked Load Break Switches
LB8003PNL EUROPA-LB8003PNL Datasheet
617Kb / 1P
Accessory Table for Safe Switch Range
LB8003PNLME EUROPA-LB8003PNLME Datasheet
424Kb / 3P
Enclosed Door Interlocked Load Break Switches
LB8003PSN EUROPA-LB8003PSN Datasheet
617Kb / 1P
Accessory Table for Safe Switch Range
LB8003PSNME EUROPA-LB8003PSNME Datasheet
424Kb / 3P
Enclosed Door Interlocked Load Break Switches
More results

Similar Description - LB800LVF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R250 BOURNS-MF-R250 Datasheet
137Kb / 5P
Radial Leaded Devices
logo
Tyco Electronics
BBRF550 MACOM-BBRF550_1 Datasheet
329Kb / 28P
PolySwitch Resettable Devices Radial-leaded Devices
logo
StarHope
K600 SPSEMI-K600 Datasheet
1Mb / 2P
Radial leaded Devices
K250 SPSEMI-K250 Datasheet
1Mb / 3P
Radial leaded Devices
K60 SPSEMI-K60 Datasheet
1Mb / 3P
Radial leaded Devices
K30 SPSEMI-K30 Datasheet
1Mb / 3P
Radial leaded Devices
K16 SPSEMI-K16 Datasheet
1,021Kb / 2P
Radial leaded Devices
logo
Shanghai Leiditech Elec...
LB120F LEIDITECH-LB120F Datasheet
349Kb / 2P
Radial leaded devices
LB250LVF LEIDITECH-LB250LVF Datasheet
361Kb / 2P
Radial leaded devices
LB600LVF LEIDITECH-LB600LVF Datasheet
473Kb / 2P
Radial leaded devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com