Electronic Components Datasheet Search
  English  ▼

X  

PD4M441L Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PD4M441L
Description  MOSFET MODULE Dual 30A 450V/500V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD4M441L Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PD4M441L Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD4M441L Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD4M441L Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD4M441L Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOSFET MODULE
MODULE
MODULE
MODULE Dual 30A 450V/500V
Dual 30A 450V/500V
Dual 30A 450V/500V
Dual 30A 450V/500V
PD4M441L / PD4M440L
PD4M441L / PD4M440L
PD4M441L / PD4M440L
PD4M441L / PD4M440L
MAXMUM RATINGS
Ratings
Symbol
PD4M441L
PD4M440L
Unit
Drain-Source Voltage (VGS=0V)
VDSS
450
500
V
Gate -Source Voltage
VGSS
+/ - 20
V
Duty=50%
30 (Tc=25
°C)
Continuous Drain Current
D.C.
ID
21 (Tc=25
°C)
A
Pulsed Drain Current
IDM
60 Tc=25
°C)
A
Total PowerDissipation
PD
230 Tc=25
°C)
W
OperatingJunction Temperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isolation Voltage Terminals to Base AC, 1 min.)
VISO
2000
V
Module Base to Heatsink
3.0
MountingTorque
Bus Bar to Main Terminals
FTOR
2.0
N
•m
ELECTRICAL CHARACTERISTICS (@Tc=25°Cunlessotherwisenoted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
VDS=VDSS,VGS=0V
-
-
1.0
Zero Gate Voltage Drain Current
IDSS
Tj=125
°C,VDS=VDSS,VGS=0V
-
-
4.0
mA
Gate-Source ThresholdVoltage
VGS(th)
VDS=VGS, ID=1mA
2.0
3.2
4.0
V
Gate-Source Leakage Current
IGSS
VGS=+/- 20V,VDS=0V
-
-
1.0
µA
StaticDrain-Source On-Resistance
rDS(on)
VGS=10V, ID=15A
-
190
210
m-ohm
Forward Transconductance
gfs
VDS=15V, ID=15A
-
27
-
S
InputCapacitance
Cies
-
5.2
-
nF
OutputCapacitance
Coss
-
1.1
-
nF
Reverse TransferCapacitance
Crss
VDS=25V,VGS=0V,f=1MHz
-
0.18
-
nF
Turn-On DelayTime
td(on)
-
100
-
Rise Time
tr
-
60
-
Turn-Off Delay Time
td(off)
-
180
-
Fall Time
tf
VDD=1/2VDSS
ID=15A
VGS=-5V, +10V
RG=7ohm
-
50
-
ns
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Continuous Source Current
IS
D.C.
-
-
21
A
PulsedSource Current
ISM
-
-
-
60
A
Diode ForwardVoltage
VSD
IS=30A
-
-
2.0
V
Reverse RecoveryTime
trr
-
750
-
ns
Reverse Recovery
Qr
IS=30A, -dis/dt=100A/
µs
-
17
-
µC
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
MOSFET
-
-
0.56
Thermal Resistance, Junction to Case
Rth(j-c)
Diode
-
-
0.56
Thermal Resistance, Case to Heatsink
Rth(c-f)
Mountingsurface flat, smooth, and greased
-
-
0.1
°C/W
Dimension(mm)
FEATURES
* Dual MOSFETs Cascaded Circuit
* LowOn-Resistance andSwitching
Dissipation
TYPICAL APPLICATIONS
* PowerSupplyforthe Communications and
the Induction Heating
Approximate Weight:220g
OUTLINE DRAWING
Circuit
108.0


Similar Part No. - PD4M441L

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD4M441L NIEC-PD4M441L Datasheet
119Kb / 3P
30A 450~500V
logo
Kyocera Kinseki Corpota...
PD4M441L KSS-PD4M441L Datasheet
478Kb / 3P
MOSFET
More results

Similar Description - PD4M441L

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD4M440H NIEC-PD4M440H Datasheet
64Kb / 3P
MOSFET MODULE Dual 30A 450/500V
PD10M440H NIEC-PD10M440H Datasheet
67Kb / 3P
MOSFET MODULE DUAL 85A 450V/500V
PDM1405HA NIEC-PDM1405HA Datasheet
70Kb / 3P
MOSFET MODULE Dual 140A/500V
PD7M440H NIEC-PD7M440H Datasheet
66Kb / 3P
MOSFET MODULE Dual 50A 450V/500V
PD7M440L NIEC-PD7M440L Datasheet
128Kb / 4P
MOSFET MODULE Dual 50A 450V/550V
PD10M440L NIEC-PD10M440L Datasheet
130Kb / 4P
MOSFET MODULE Dual 70A 450V/500V
PDM505HA NIEC-PDM505HA Datasheet
67Kb / 3P
MOSFET MODULE Dual 50A/500V
PDM505HC NIEC-PDM505HC Datasheet
113Kb / 3P
MOSFET MODULE Dual 50A/500V
logo
Fairchild Semiconductor
FGPF30N45T FAIRCHILD-FGPF30N45T Datasheet
538Kb / 7P
450V, 30A PDP Trench IGBT
logo
Nihon Inter Electronics...
PD4M440H NIEC-PD4M440H_1 Datasheet
117Kb / 3P
MOSFET 30A 450~500V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com