Electronic Components Datasheet Search
  English  ▼

X  

2SC1383 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC1383
Description  Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1383 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC1383 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1383 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1383 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC1383, 2SC1384
Silicon NPN epitaxial planer type
For low-frequency power amplification and driver amplification
Complementary to 2SA683 and 2SA684
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Complementary pair with 2SA683 and 2SA684.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
EIAJ:SC–51
TO–92L Package
5.9
±0.2
2.54
±0.15
0.7
±0.1
4.9
±0.2
0.45
+0.2
–0.1
1.27
1.27
0.45
+0.2
–0.1
13
2
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
30
60
25
50
5
1.5
1
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
2SC1383
2SC1384
2SC1383
2SC1384
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = 20V, IE = 0
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 500mA
*2
VCE = 5V, IB = 1A
*2
IC = 500mA, IB = 50mA
*2
IC = 500mA, IB = 50mA
*2
VCB = 10V, IE = –50mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
30
60
25
50
5
85
50
typ
160
100
0.2
0.85
200
11
max
0.1
340
0.4
1.2
20
Unit
µA
V
V
V
V
V
MHz
pF
2SC1383
2SC1384
2SC1383
2SC1384
*1h
FE1 Rank classification
Rank
Q
R
S
hFE1
85 ~ 170
120 ~ 240
170 ~ 340
*2 Pulse measurement


Similar Part No. - 2SC1383

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SC1383 WEITRON-2SC1383 Datasheet
314Kb / 5P
NPN General Purpose Transistors
logo
TRANSYS Electronics Lim...
2SC1383 TEL-2SC1383 Datasheet
62Kb / 1P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC1383 SECOS-2SC1383 Datasheet
146Kb / 3P
NPN Silicon General Purpose Transistor
logo
Daya Electric Group Co....
2SC1383 DAYA-2SC1383 Datasheet
174Kb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
2SC1383 TGS-2SC1383 Datasheet
200Kb / 3P
TO-92L Plastic-Encapsulate Transistors (NPN)
More results

Similar Description - 2SC1383

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA719 PANASONIC-2SA719 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1317 PANASONIC-2SC1317 Datasheet
67Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1318A PANASONIC-2SC1318A Datasheet
45Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC1509 PANASONIC-2SC1509 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC3939 PANASONIC-2SC3939 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC3940 PANASONIC-2SC3940 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SC4208 PANASONIC-2SC4208 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SC4606 PANASONIC-2SC4606 Datasheet
48Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD1994A PANASONIC-2SD1994A Datasheet
69Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD968 PANASONIC-2SD968 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com