Electronic Components Datasheet Search
  English  ▼

X  

SK79 Datasheet(PDF) 4 Page - SHIKUES Electronics

Part # SK79
Description  3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

SK79 Datasheet(HTML) 4 Page - SHIKUES Electronics

  SK79 Datasheet HTML 1Page - SHIKUES Electronics SK79 Datasheet HTML 2Page - SHIKUES Electronics SK79 Datasheet HTML 3Page - SHIKUES Electronics SK79 Datasheet HTML 4Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
REV.08
(mm)
MIN
MAX
A
9.70
10.30
B
15.50
16.10
B1
8.99
9.39
C
4.40
4.80
C1
2.15
2.55
D
2.50
2.90
E
0.70
0.90
F
0.40
0.60
G
1.12
1.42
H
3.40
3.80
L
12.6
13.6
N
2.34
2.74
Q
3.15
3.55
3.00
3.30
TO-220F
PACKAGE OUTLINE
Unit
SK79series
TO-252(D-PAK)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com