Electronic Components Datasheet Search
  English  ▼

X  

AMMP-6545 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AMMP-6545
Description  18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6545 Datasheet(HTML) 2 Page - Broadcom Corporation.

  AMMP-6545 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6545 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6545 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6545 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6545 Datasheet HTML 5Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer.
3. This final package part performance is verified by a functional test correlated to actual performance at one or
more frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance
may be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise
(Гopt) matching.
5. NF is measure on-wafer. Additional bond wires (-0.2nH) at Input could improve NF at some frequencies.
Table 1. RF Electrical Characteristics
TA=25°C, Zo=50 Ω, LO=+15dBm, IF=2GHz
Parameter
RF=18-30GHz, LO=9-15GHz
RF=30-40GHz, LO=15-20GHz
Unit
Comment
Min
Typ
Max
Min
Typ
Max
Conversion Loss, CL [1]
11
12
13
dB
Input Third Order Intercept, IIP3 [1]
RF: 18-24GHz
10.5
11
12
dBm
Input Third Order Intercept, IIP3 [1]
RF: 24-30GHz
8.5
11
12
dBm
2LO-R Leakage, 2LO-R
-45
-40
-40
dBm
2LO-I Leakage, 2LO-I
-60
-50
-55
dBm
L-R Leakage, L-R
-30
-35
dB
L-I Leakage, L-I
-35
-30
dB
Note:
1.Production RF tested at 21, 23 and 26 GHz in upconverter configuration
All tested parameters are guaranteed with the following measurement accuracy:
RF=18-24 GHz: ±0.8 dBm for RF-leakage, ±2.5 dBm for IF-leakage, ±1.2dB for Conversion Loss, ±0.5 dBm for IIP3
RF=24-30 GHz: ±0.8 dBm for RF-leakage, ±4.0 dBm for IF-leakage, ±0.6 dB for Conversion Loss, ±0.5 dBm for IIP3
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (Tchannel (Tc) = 34°C) as measured using infrared microscopy. Thermal
Resistance at backside temperature (Tb) = 25°C calculated from measured data.
Parameter
Min.
Typical
Max.
Unit
Comments
RF Frequency, RFfreq
18
40
GHz
LO Frequency, LOfreq
9
20
GHz
IF Frequency, IFfreq
DC
3.5
GHz
LO Power, LO
+12
+15
+22
dBm
Min Ambient Operating Temp, Tmin
-55
°C
Max Ambient Operating Temp, Tmax
+125
°C
Absolute Minimum and Maximum Ratings
Table 3. Minimum and Maximum Ratings
Pin
Min.
Max.
Unit
Comments
RF CW Input Power, Pin
25
dB
Storage Temperature, Tstg
-65
+150
°C
Maximum Assembly Temperature, Tmax
260
°C
20 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com