Electronic Components Datasheet Search
  English  ▼

X  

19200030227 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 19200030227
Description  Han A Base Surface Thermoplastic M20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

19200030227 Datasheet(HTML) 1 Page - HARTING Technology Group

  19200030227 Datasheet HTML 1Page - HARTING Technology Group 19200030227 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
19 20 003 0227
Han A Base Surface Thermoplastic M20
Han A Base Surface Thermoplastic M20
Image is for illustration purposes only. Please refer to product description.
Part number
19 20 003 0227
Specification
Han A Base Surface Thermoplastic M20
HARTING eCatalogue
https://b2b.harting.com/19200030227
Identification
Category
Hoods/Housings
Series of hoods/housings
Han A®
Type of hood/housing
Surface mounted housing
Version
Locking type
Single locking lever
Size
3 A
Version
Top entry
Cable entry
1x M20
Field of application
Standard Hoods/housings for industrial applications
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP44
IP65 / IP67 with seal screw 09 20 000 9918
Type rating acc. to UL 50 / UL 50E
4
4X
12
Material properties
Material (hood/housing)
Polycarbonate (PC)
Colour (hood/housing)
RAL 9005 (jet black)
Material flammability class acc. to UL 94
V-0
RoHS
compliant
Page 1 / 2 | Creation date 2021-02-25 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 19200030227

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19200030220 HARTING-19200030220 Datasheet
452Kb / 2P
Han A Base Surface Thermoplastic M20
More results

Similar Description - 19200030227

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-20-032-0302 HARTING-09-20-032-0302 Datasheet
510Kb / 2P
Han A Base Panel 4 Pegs Thermoplastic Co Bulkhead mounted housing
09-30-010-0303 HARTING-09-30-010-0303 Datasheet
456Kb / 2P
Han B Base Panel 1 Lever Thermoplastic C
09-30-024-0302 HARTING-09-30-024-0302 Datasheet
461Kb / 2P
Han B Base Panel 4 Pegs Thermoplastic Co
19-20-003-1160 HARTING-19-20-003-1160 Datasheet
515Kb / 2P
Han 3A-Base angled-M20 Housing
19-30-006-2255 HARTING-19-30-006-2255 Datasheet
500Kb / 2P
Han 6B Base Surface 1 lever M20
19-37-003-1160 HARTING-19-37-003-1160 Datasheet
497Kb / 2P
Han 3M-Base angled-M20 housing
19-20-003-0220 HARTING-19-20-003-0220 Datasheet
452Kb / 2P
Han A Base Surface Thermoplastic M20
19-62-003-1160 HARTING-19-62-003-1160 Datasheet
479Kb / 2P
Han 3EMC-Base angled-M20
19-62-003-1250 HARTING-19-62-003-1250 Datasheet
500Kb / 2P
Han 3 EMC Base Surface 1 Lever M20
19202031160 HARTING-19202031160 Datasheet
624Kb / 2P
Han 3A HMC-Base angled-M20
2022-10-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com