Electronic Components Datasheet Search
  English  ▼

X  

ICB Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # ICB
Description  ICB, M12 - Extra short body version
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICB Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  ICB Datasheet HTML 1Page - Carlo Gavazzi Holding AG ICB Datasheet HTML 2Page - Carlo Gavazzi Holding AG ICB Datasheet HTML 3Page - Carlo Gavazzi Holding AG ICB Datasheet HTML 4Page - Carlo Gavazzi Holding AG ICB Datasheet HTML 5Page - Carlo Gavazzi Holding AG ICB Datasheet HTML 6Page - Carlo Gavazzi Holding AG ICB Datasheet HTML 7Page - Carlo Gavazzi Holding AG ICB Datasheet HTML 8Page - Carlo Gavazzi Holding AG ICB Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Carlo Gavazzi Automation S.p.A.
ICB, M12 - Extra short body version
ICB12S23_3-wire_DS_EN
10/06/2019
References
Order code
ICB12S23
Enter the code option instead of
Code
Option Description
ICB
-
Proximity inductive sensors, nickel-plated brass housing
12
-
Housing size
S
-
Housing length
23
-
Thread length
F
Detection principle: flush mounting
N
Detection principle: non-flush mounting
04
Sensing distance: 4mm
08
Sensing distance: 8mm
M1
M12 plug
A2
2 m PVC cable
N
Output type: NPN
P
Output type: PNP
O
Output configuration: normally open
C
Output configuration: normally closed
Selection guide
Con-
nec-
tion
Rated
operating
distance Sn
Ordering no.
NPN,
Normally open
Ordering no.
PNP,
Normally open
Ordering no.
NPN,
Normally closed
Ordering no.
PNP,
Normally closed
Cable
4 mm 1)
ICB12S23F04A2NO
ICB12S23F04A2PO
ICB12S23F04A2NC
ICB12S23F04A2PC
Cable
8 mm 2)
ICB12S23N08A2NO ICB12S23N08A2PO ICB12S23N08A2NC ICB12S23N08A2PC
Plug
4 mm 1)
ICB12S23F04M1NO ICB12S23F04M1PO ICB12S23F04M1NC ICB12S23F04M1PC
Plug
8 mm 2)
ICB12S23N08M1NO ICB12S23N08M1PO ICB12S23N08M1NC ICB12S23N08M1PC
1)
For flush mounting in metal
2)
For non-flush mounting in metal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com