Electronic Components Datasheet Search
  English  ▼

X  

M62333FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M62333FP
Description  8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62333FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62333FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62333FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62333FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62333FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62333FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62333FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M62333P/FP
MITSUBISHI <STD. LINEAR ICs>
8-BIT 3CH I
2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
980714 rev.E ( / 6 )
M62338P/FP
MITSUBISHI ELECTRIC
8
7
6
5
CHANNEL
DECODER
POWER ON
RESET
8
Vcc
SCL
SDA
GND
8bit Latch
8bit upper
segment R-2R
1
Ao1
8bit Latch
8bit upper
segment R-2R
2
Ao2
8bit Latch
8bit upper
segment R-2R
3
Ao3
I C BUS TRANSCEIVER
2
PIN CONFIGURATION(TOP VIEW)
Outline 8P4 (P)
8P2S-A (FP)
DESCRIPTION
The
M62333/M62338 is
a n
integrated
circuit
semiconductor of CMOS structure with 3 channels of built
in D-A converters with output buffer operational amplifiers.
The input is 2-wires serial method is used for the transfer
format of
digital data to allow connection with a
microcomputer with minimum wiring.
The output buffer operational amplifier employs AB class
output circuit with sync and source drive capacity of 1.0mA
or more,and it operates in the whole voltage range from
Vcc to ground.
The M62333 and the M62338 differ only in their slave
address.
APPLICATION
Conversion from digital data to analog control data for
home-use and industrial equipment.
Signal gain control or automatic adjustment of DISPLAY-
MONITOR or CTV.
FEATURES
• Digital data transfer format
I2C BUS serial data method
• Output buffer operational amplifier
it operates in the whole voltage range from Vcc to
ground.
• High output current drive capacity
±1.0mA over
1
2
3
4
8
7
6
5
Vcc
SCL
SDA
GND
N.C.
Ao2
Ao1
BLOCK DIAGRAM
N.C.:NO CONNECTION
Ao3
1


Similar Part No. - M62333FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62333FP RENESAS-M62333FP Datasheet
128Kb / 10P
8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62333FP RENESAS-M62333FP Datasheet
143Kb / 10P
8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
More results

Similar Description - M62333FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62343P MITSUBISHI-M62343P Datasheet
25Kb / 5P
8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P_08 Datasheet
143Kb / 10P
8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com