Electronic Components Datasheet Search
  English  ▼

X  

ISO6731 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6731
Description  ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6731 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO6731 Datasheet HTML 7Page - Texas Instruments ISO6731 Datasheet HTML 8Page - Texas Instruments ISO6731 Datasheet HTML 9Page - Texas Instruments ISO6731 Datasheet HTML 10Page - Texas Instruments ISO6731 Datasheet HTML 11Page - Texas Instruments ISO6731 Datasheet HTML 12Page - Texas Instruments ISO6731 Datasheet HTML 13Page - Texas Instruments ISO6731 Datasheet HTML 14Page - Texas Instruments ISO6731 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
6.10 Supply Current Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6740
Supply current - DC signal
(2)
VI = VCC1 (1)(ISO6740); VI = 0 V (ISO6740 with F
suffix)
ICC1
1.6
2.2
mA
ICC2
2.1
3.4
VI = 0 V (ISO6740); VI = VCC1 (ISO6740 with F suffix)
ICC1
5.8
8
ICC2
2.3
3.7
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
3.7
5.1
ICC2
2.4
3.8
10 Mbps
ICC1
3.8
5.3
ICC2
4.8
6.4
50 Mbps
ICC1
4.4
6
ICC2
15
17.8
ISO6741
Supply current - DC signal
(2)
VI = VCCI (1)(ISO6741); VI = 0 V (ISO6741 with F suffix)
ICC1
1.9
2.8
mA
ICC2
2.2
3.5
VI = 0 V (ISO6741); VI = VCCI (ISO6741 with F suffix)
ICC1
5.1
7.2
ICC2
3.4
5.1
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
3.6
5.1
ICC2
3
4.5
10 Mbps
ICC1
4.2
5.8
ICC2
4.8
6.5
50 Mbps
ICC1
7.3
9.3
ICC2
12.6
15.3
ISO6742
Supply current - DC
signal (2)
VI = VCCI (1)(ISO6742); VI = 0 V (ISO6742 with F suffix) ICC1 , ICC2
2.2
3.3
mA
VI = 0 V (ISO6742); VI = VCCI (ISO6742 with F suffix)
ICC1 , ICC2
4.4
6.3
Supply current - AC
signal (3)
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1, ICC2
3.4
5
10 Mbps
ICC1, ICC2
4.7
6.4
50 Mbps
ICC1, ICC2
10.2
12.5
(1)
VCCI = Input-side VCC
(2)
Supply current valid for ENx = VCCx and ENx = 0V
(3)
Supply current valid for ENx = VCCx
www.ti.com
ISO6731, ISO6740, ISO6741, ISO6742
SLLSFJ6D – DECEMBER 2019 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO6731 ISO6740 ISO6741 ISO6742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com