Electronic Components Datasheet Search
  English  ▼

X  

LSPA10708 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSPA10708
Description  Power Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LSPA10708 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSPA10708 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L.S.E.
Power Transformer: LSPA10708
Mechanical
Schematic
30V
15V
15V
:TEFLON TUBE
BIAS
UNIV.
INPUT
12
5.0 Typ.
7
6
1
5.0±0.3
φ1.3
-0.0/+0.2
φ0.8±0.1
6.0±0.5
30.5 MAX.
Electrical Characteristics
A. D.C. Resistance: (25℃)
R(1-3):431.0 mΩ max.
R(6-5):53.0 mΩ max.
R(12-11):107.0 mΩ max.
R(10-9):57.0 mΩ max.
R(8-7):57.0 mΩ max.
B. Inductance:
L(1-3) :510.0 μH ± 10%
@ 132 KHz, 1V, Ls
C. Leakage Inductance:
Lk(1-3):9.0 μH max.
@ 132 KHz, 1V, Ls, shorted P(5+6+7+8+9+10+11+12)
D.
Turns Ratio:
P(1-3):P(6-5)==> 1:0.114 ± 10%
@ 20 KHz, 1V
P(1-3):P(12-11)==> 1:0.227 ± 5%
@ 20 KHz, 1V
P(1-3):P(10-9)==> 1:0.114 ± 10%
@ 20 KHz, 1V
P(1-3):P(8-7)==> 1:0.114 ± 10%
@ 20 KHz, 1V
E. Isolation Voltage(Hi-Pot):
Pri., Bias To Sec. =>
3750 Vac, 3mA, 60 Sec
Pri. To Bias =>
1500 Vac, 3mA, 60 Sec
Sec. To Sec. =>
500 Vac, 3mA, 60 Sec
LSPA10708
LSE YYWW
Note :
1.
Unit:mm
2.
Scale:F
3.
【
YYWW】
:
Date Code
NO. 7, LANE 3, SAN Ho RD. SAN-SHIN VILLAGE TA-YUAN HSIANG, TAOYUAN HSIEN, TAIWAN, R.O.C.
◆
Tel:886-3-3831513
◆
Fax:886-3-3835738 ◆ www.lse.com.tw
USA:
www.cdiweb.com/lse Tel: (800)777-7334


Similar Part No. - LSPA10708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSPA20205 ETC1-LSPA20205 Datasheet
277Kb / 1P
LSPA20205
LSPA20227 ETC1-LSPA20227 Datasheet
243Kb / 1P
POWER TRANSFORMER
logo
Micross Components
LSPAD1 MICROSS-LSPAD1 Datasheet
264Kb / 1P
PICO-AMP DIODE
LSPAD10 MICROSS-LSPAD10 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSPAD100 MICROSS-LSPAD100 Datasheet
265Kb / 1P
PICO-AMP DIODE
More results

Similar Description - LSPA10708

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
logo
List of Unclassifed Man...
F-193U ETC2-F-193U Datasheet
52Kb / 1P
POWER TRANSFORMER
F-229X ETC2-F-229X Datasheet
50Kb / 1P
POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
POWER TRANSFORMER
logo
XFMRS Inc.
XF0056-EE5S XFMRS-XF0056-EE5S Datasheet
39Kb / 1P
POWER TRANSFORMER
logo
Hammond Manufacturing L...
269EX HAMMOND-269EX Datasheet
215Kb / 1P
POWER TRANSFORMER
382X HAMMOND-382X Datasheet
307Kb / 1P
POWER TRANSFORMER
291AX HAMMOND-291AX Datasheet
243Kb / 1P
power transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com