Electronic Components Datasheet Search
  English  ▼

X  

LM4954TL Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4954TL
Description  HIgh Voltage 3 Watt Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4954TL Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4954TL Datasheet HTML 4Page - National Semiconductor (TI) LM4954TL Datasheet HTML 5Page - National Semiconductor (TI) LM4954TL Datasheet HTML 6Page - National Semiconductor (TI) LM4954TL Datasheet HTML 7Page - National Semiconductor (TI) LM4954TL Datasheet HTML 8Page - National Semiconductor (TI) LM4954TL Datasheet HTML 9Page - National Semiconductor (TI) LM4954TL Datasheet HTML 10Page - National Semiconductor (TI) LM4954TL Datasheet HTML 11Page - National Semiconductor (TI) LM4954TL Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Differential Gain
V
DD = 7V, RL =8
Ω,
P
OUT = 600mW, 80kHz BW
PSRR vs Frequency
V
DD = 7V, VRIPPLE = 200mVP-P
Input Terminated, 80kHz BW
20129171
20129128
PSRR vs Frequency
V
DD = 5V, VRIPPLE = 200mVP-P
Input Terminated, 80kHz BW
PSRR vs Frequency
V
DD = 3V, VRIPPLE = 200mVP-P
Input Terminated, 80kHz BW
20129127
20129126
Output Power vs Supply Voltage
R
L =4
Ω,A
V = 6dB, 80kHz BW
Output Power vs Supply Voltage
R
L =8
Ω,A
V = 6dB, 80kHz BW
20129124
20129125
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com