Electronic Components Datasheet Search
  English  ▼

X  

ILSP2 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # ILSP2
Description  Proximity Magnetic Sensors Level Magnetic Sensors ILSP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ILSP2 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  ILSP2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG ILSP2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (07.12.10)
1
Operating temperature
-25 to +100 °C
Degree of protection
IP 68 (cable output IP67)
Float
Diameter
Ø 44 mm
Material
Plastic
Min liquid specific gravity
0.75 kg/dm3
Max pressure
0.6 kg/cm2
CE-marking
Yes
General Specifications
Type Selection
Proximity Magnetic Sensors
Level Magnetic Sensors
ILSP Series
• Cylindrical non-toxic polypropylene
housing
• NO, NC or CO output functions
• Reversible ouput function by float overturning
• Silicone cable output connection
Ordering Key
ILSP 8
The ILSP models, made of
non toxic polypropylene with
silicone
cable,
allow
the
change of the output func-
tion by turning the float or
the rod.
Product Description
Type
Reed contact type
Output
ILSP2, ILSP8
NO, NC
ILSPS2
Change-over
Contact ratings
Max Switching Voltage
ILSP2
250 VAC
ILSP8
1500 VAC
ILSPS2
230 VAC
Max Switching Current
ILSP2
3 A
ILSP8
3 A
ILSPS2
1 A
Max Switching Power
ILSP2
100 VA
ILSP8
120 VA
ILSPS2
60 VA
Output Specifications
Float diameter
Connection
Output function
Reference
Ø 44
Silicone cable L= 0.5m
NO, NC*
ILSP 2
Ø 44
Silicone cable L= 0.5m
NO, NC*
ILSP 8
Ø 44
Silicone cable L= 0.5m
CO
ILSP S 2
Diameters are specified in millimeters (mm)
*Reversible ouput function by float overturning


Similar Part No. - ILSP2

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
Submersible Level Transmitter
logo
C&K Components
ILS CK-COMPONENTS-ILS Datasheet
360Kb / 4P
SIntegrated LED Tact Switch
20 Nov 20
logo
Vishay Siliconix
ILS-2515 VISHAY-ILS-2515 Datasheet
245Kb / 2P
Surface Mount Inductor
10-Sep-02
ILS-2515-01 VISHAY-ILS-2515-01 Datasheet
245Kb / 2P
Surface Mount Inductor
10-Sep-02
ILS-2515-02 VISHAY-ILS-2515-02 Datasheet
245Kb / 2P
Surface Mount Inductor
10-Sep-02
More results

Similar Description - ILSP2

ManufacturerPart #DatasheetDescription
logo
SICK AG
MM12-45APS-ZCKS01 SICK-MM12-45APS-ZCKS01 Datasheet
2Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60ANS-ZUK SICK-MM12-60ANS-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60APO-ZUK SICK-MM12-60APO-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60APS-ZCK SICK-MM12-60APS-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MM18-70A-N-ZW0 SICK-MM18-70A-N-ZW0 Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM18-70APO-ZCK SICK-MM18-70APO-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MQ10-60ANS-KU0 SICK-MQ10-60ANS-KU0 Datasheet
845Kb / 6P
MAGNETIC PROXIMITY SENSORS
logo
Carlo Gavazzi Holding A...
ILUS2 CARLOGAVAZZI-ILUS2 Datasheet
79Kb / 2P
Proximity Magnetic sensors Level Magnetic Sensors
ILMS2 CARLOGAVAZZI-ILMS2 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILM Series
ILMP5P CARLOGAVAZZI-ILMP5P Datasheet
55Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILMP Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com