Electronic Components Datasheet Search
  English  ▼

X  

ILMP5 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # ILMP5
Description  Proximity Magnetic Sensors Level Magnetic Sensors ILMP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ILMP5 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  ILMP5 Datasheet HTML 1Page - Carlo Gavazzi Holding AG ILMP5 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (29.01.15)
1
Operating temperature
-20 to +80 °C
Degree of protection
IP 68 (cable output IP67)
Float
Diameter
Ø 25 mm
Material
Plastic (non-toxic
polypropylene)
Max pressure
ILMP5
4 kg/cm2
ILMP5P
1 kg/cm2
CE-marking
Yes
General Specifications
Type Selection
Proximity Magnetic Sensors
Level Magnetic Sensors
ILMP Series
• Cylindrical non-toxic polypropylene housing
• Extremely small dimensions
• NO or NC output functions
• Reversible output function by sensor housing over
turning
• Vertical or orizontal mounting
• Excellent electrical features
Ordering Key
ILMP 5 P
The micro magnetic level
switches are manufactured
in non-toxic polypropylene;
they are characterized by
excellent electrical features
and extremely small dimen-
sions.
Product Description
Type
Reed contact type
Full float
Output
NO, NC
Contact ratings
Max Switching Voltage
240 VAC, 200 VDC
Max Switching Current
0.5 A
Max Switching Power
50 VA
Output Specifications
Float diameter
Connection
Output function
Reference
Ø 25
PVC cable L= 0.3m
NO, NC*
ILMP 5
Ø 25
PVC cable L= 0.3m
NO, NC*
ILMP 5 P
Diameters are specified in millimeters (mm)
*Reversible output function by sensor housing overturning
Wiring Diagrams
black
blue
black
blue
Output function NO or NC


Similar Part No. - ILMP5

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
ILMPU5 CARLOGAVAZZI-ILMPU5 Datasheet
79Kb / 2P
Proximity Magnetic sensors Level Magnetic Sensors
More results

Similar Description - ILMP5

ManufacturerPart #DatasheetDescription
logo
SICK AG
MM12-45APS-ZCKS01 SICK-MM12-45APS-ZCKS01 Datasheet
2Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60ANS-ZUK SICK-MM12-60ANS-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60APO-ZUK SICK-MM12-60APO-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60APS-ZCK SICK-MM12-60APS-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MM18-70A-N-ZW0 SICK-MM18-70A-N-ZW0 Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM18-70APO-ZCK SICK-MM18-70APO-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MQ10-60ANS-KU0 SICK-MQ10-60ANS-KU0 Datasheet
845Kb / 6P
MAGNETIC PROXIMITY SENSORS
logo
Carlo Gavazzi Holding A...
ILUS2 CARLOGAVAZZI-ILUS2 Datasheet
79Kb / 2P
Proximity Magnetic sensors Level Magnetic Sensors
ILSP8 CARLOGAVAZZI-ILSP8 Datasheet
45Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILSP Series
ILMS2 CARLOGAVAZZI-ILMS2 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILM Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com