Electronic Components Datasheet Search
  English  ▼

X  

MMS1 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # MMS1
Description  Proximity Magnetic Sensors Rectangular Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

MMS1 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  MMS1 Datasheet HTML 1Page - Carlo Gavazzi Holding AG MMS1 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (29.08.11)
1
Operating distance
See Operating Distance
table
Suitable magnetic unit
See Operating Distance
table
Operating temperature
-25 to +75 °C
Degree of protection
IP 67
Housing
Dimensions
MMA6
23.5 x 14 x 6.1 mm
MMA3, MMS1
27 x 11 x 7 mm
Material
Plastic
CE-marking
Yes
General Specifications
Type Selection
Proximity Magnetic Sensors
Rectangular Housing
MM Series
• Rectangular plastic housing
• NO or CO output functions
• Extremely small dimensions
• High sensibility contacts
Ordering Key
MM A 3
The micro-miniature types
are
characterized
by
extremely small dimensions;
the output functions can be
NO (Normally Open) or CO
(Change-over).
The MMA6 model contains,
in a very small housing, a
very high sensibility contact,
with low hysteresis.
The two fixing holes, suited
for M3 screws, allow simple
mounting procedure over a
large variety of applications.
Product Description
Type
Output function
Reed contact type
Output
MMA3, MMA6
NO
MMS1
Change-over
Contact ratings
Max Switching Voltage
MMA3
500 VAC
MMA6
100 VAC
MMS1
100 VAC
Max Switching Current
MMA3
0.5 A
MMA6
0.5 A
MMS1
0.25 A
Max Switching Power
MMA3
10 VA
MMA6
10 VA
MMS1
5 VA
Output Specifications
Housing dimensions
Connection
Output function
Reference
23.5 x 14 x 6.1
Twin lead cable L= 0.5 m
NO
MM A 6
27 x 11 x 7
PVC cable L= 0.5m
NO
MM A 3
27 x 11 x 7
PVC cable L= 0.5m
CO
MM S 1
Dimensions are specified in millimiters (mm)


Similar Part No. - MMS1

ManufacturerPart #DatasheetDescription
logo
Nanjing Ouzhuo Technolo...
MMS105H OHHALLSENSOR-MMS105H Datasheet
449Kb / 5P
Tunneling Magnetoresistance Bipolar Switch
logo
List of Unclassifed Man...
MMS1208 ETC2-MMS1208 Datasheet
149Kb / 2P
Microminiature Slide Switches
logo
MultiDimension Technolo...
MMS1X1H MULTIDIMENSION-MMS1X1H Datasheet
447Kb / 5P
MMS1X1H Ultra-Low Power TMR Bipolar Switch
Ver. 1.0a
More results

Similar Description - MMS1

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
FSMS2S2AT CARLOGAVAZZI-FSMS2S2AT Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSLPA7 CARLOGAVAZZI-FSLPA7 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSA2S32MT CARLOGAVAZZI-FSA2S32MT Datasheet
73Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMMPA7L25 CARLOGAVAZZI-FMMPA7L25 Datasheet
40Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMMA3 CARLOGAVAZZI-FMMA3 Datasheet
46Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMC3S1 CARLOGAVAZZI-FMC3S1 Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
SB2S5 CARLOGAVAZZI-SB2S5 Datasheet
55Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MSA1 CARLOGAVAZZI-MSA1 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
SPD242403 CARLOGAVAZZI-SPD242403 Datasheet
179Kb / 3P
Proximity Magnetic Sensors Rectangular Housing SPB2 Series
SPA1S2 CARLOGAVAZZI-SPA1S2 Datasheet
68Kb / 2P
Proximity Magnetic Sensors Rectangular Housing Relay output SPA1 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com