Electronic Components Datasheet Search
  English  ▼

X  

REC8E Datasheet(PDF) 2 Page - Recom International Power

Part # REC8E
Description  8 Watt 1??x 1??Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC8E Datasheet(HTML) 2 Page - Recom International Power

  REC8E Datasheet HTML 1Page - Recom International Power REC8E Datasheet HTML 2Page - Recom International Power REC8E Datasheet HTML 3Page - Recom International Power REC8E Datasheet HTML 4Page - Recom International Power REC8E Datasheet HTML 5Page - Recom International Power REC8E Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.recom-power.com
REV.: 0/2021
ECO-2
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
REC8E
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi type
Input Voltage Range
2:1 Input
nom. Vin=
12VDC
24VDC
48VDC
9VDC
18VDC
20VDC
18VDC
36VDC
60VDC
Input Surge Voltage
100ms max.
nom. Vin=
12VDC
24VDC
48VDC
25VDC
50VDC
70VDC
Under Voltage Lockout (UVLO)
nom. Vin= 12VDC
DC-DC ON
DC-DC OFF
8VDC
7VDC
9VDC
nom. Vin= 24VDC
DC-DC ON
DC-DC OFF
17VDC
18VDC
nom. Vin= 48VDC
DC-DC ON
DC-DC OFF
19VDC
20VDC
Quiescent Current
nom Vin=
12VDC
24VDC
48VDC
55mA
32mA
21mA
Input Current Range
nom Vin=
12VDC
24VDC
48VDC
800mA
400mA
200mA
Standby Current
nom Vin=
12VDC
24VDC
48VDC
0.5mA
0.6mA
0.7mA
Minimum Load
0%
ON/OFF CTRL
DC-DC ON
DC-DC OFF
Open or 3VDC<VCTRL<12VDC
Short or 0VDC<VCTRL<1.2VDC
Input Current of CTRL Pin
nom Vin=
12VDC, 24VDC
48VDC
0.3mA
0.4mA
Internal Operating Frequency
350kHz
Output Ripple and Noise (3)
20MHz BW
100mVp-p
continued on next page
Notes:
Note3: Measurements are made with a 0.47µF MLCC across output (low ESR)
Efficiency vs. Load
REC8E-1205S/CTRL/X1
REC8E-2405S/CTRL/X1
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
9Vin
12Vin
15Vin
18Vin
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
18Vin
24Vin
30Vin
36Vin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com