Electronic Components Datasheet Search
  English  ▼

X  

RPL-3.0 Datasheet(PDF) 6 Page - Recom International Power

Part # RPL-3.0
Description  3.0 Amp 10 Pad LGA Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-3.0 Datasheet(HTML) 6 Page - Recom International Power

  RPL-3.0 Datasheet HTML 1Page - Recom International Power RPL-3.0 Datasheet HTML 2Page - Recom International Power RPL-3.0 Datasheet HTML 3Page - Recom International Power RPL-3.0 Datasheet HTML 4Page - Recom International Power RPL-3.0 Datasheet HTML 5Page - Recom International Power RPL-3.0 Datasheet HTML 6Page - Recom International Power RPL-3.0 Datasheet HTML 7Page - Recom International Power RPL-3.0 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.recom-power.com
REV.: 0/2021
I-6
DC/DC Converter
Specifications
RPL-3.0
Series
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
plastic
Dimension (LxWxH)
3.00 x 3.00 x 1.45mm
Weight
0.1g typ.
3.00±0.10
1
2
3
4
5
6
7
8
9
10
0.60±0.05
0.65
Dimension Drawing (mm)
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Standard
RoHS2
RoHS 2011/65/EU + AM2015/863
Recommended Footprint Details (Top View)
0.15X 45°
0.35
0.65
2.50
1
2
3
4
6
7
5
8
9
10
Pad Information
Pad # Function
Description
1
CTRL
CTRL pin. Connect to +Vin when not used.
2
+VIN
Input voltage. Connect using wide PCB traces. Requires Cin to decouple input rail.
3, 4
-VIN
System ground. Reference ground of the regulated output voltage. Requires special consideration during PCB layout. Connect to -VIN with copper traces and vias.
5
VOUT
Output voltage. Connect external bypass capacitors between this pin and GND close to the pins.
6
+Sense
Output voltage sense pin
7
FB
Feedback input. Used to set the output voltage between 0.8V and 5.2V
8
GND
Analog ground
9
VCC
Internal 3.3VDC LDO regulator output.
10
PG
Power good output.
Tolerances:
x.x= ±0.1mm
x.xx= ±0.05mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com