Electronic Components Datasheet Search
  English  ▼

X  

PDMB100B12 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDMB100B12
Description  IGBT MODULE Dual 100A 1200V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDMB100B12 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDMB100B12 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDMB100B12 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDMB100B12 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IGBT MODULE
MODULE
MODULE
MODULE Dual 100A 1200V
Dual 100A 1200V
Dual 100A 1200V
Dual 100A 1200V
PDMB100B12
PDMB100B12
PDMB100B12
PDMB100B12
CIRCUIT
OUTLINE DRAWING
MAXMUM RATINGS (Tc=25°C)
Item
Symbol
PDMB100B12
Unit
Collector-EmitterVoltage
VCES
1200
V
Gate- EmitterVoltage
VGES
+/ -20
V
DC
IC
100
CollectorCurrent
1ms
ICP
200
A
CollectorPowerDissipation
PC
500
W
JunctionTemperature Range
Tj
-40 to +150
°C
StorageTemperature Range
Tstg
-40 to +125
°C
IsolationVoltage Terminal toBase AC,1min.)
VISO
2500
V
ModuleBase to Heatsink
3
MountingTorque
Bus Bar to Main Terminals
FTOR
2
N
•m
ELECTRICAL CHARACTERISTICS (Tc=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-EmitterCut-OffCurrent
ICES
VCE=1200V,VGE=0V
-
-
2.0
mA
Gate-EmitterLeakage Current
IGES
VGE=+/-20V,VCE=0V
-
-
1.0
µA
Collector-EmitterSaturation Voltage
VCE(sat)
IC=100A,VGE=15V
-
1.9
2.4
V
Gate-EmitterThresholdVoltage
VGE(th)
VCE=5V,IC=100mA
4.0
-
8.0
V
InputCapacitance
Cies
VCE=10V,VGE=0V,f=1MHz
-
8300
-
pF
RiseTime
tr
-
0.25
0.45
Turn-onTime
ton
-
0.40
0.70
Fall Time
tf
-
0.25
0.35
SwitchingTime
Turn-off Time
toff
VCC=600V
RL= 6 ohm
RG= 10ohm
VGE=+/-15V
-
0.80
1.10
µs
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25°C)
Item
Symbol
Rated Value
Unit
DC
IF
100
ForwardCurrent
1ms
IFM
200
A
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
PeakForwardVoltage
VF
IF=100A,VGE=0V
-
1.9
2.4
V
Reverse RecoveryTime
trr
IF=100A,VGE=-10V,di/dt=200A/
µs
-
0.2
0.3
µs
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IGBT
-
-
0.24
ThermalImpedance
DIODE
Rth(j-c)
JunctiontoCase
-
-
0.42
°C/W
4-fasten-tabNo110
Dimension(mm)
ApproximateWeight:500g


Similar Part No. - PDMB100B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB100B12C NIEC-PDMB100B12C Datasheet
116Kb / 3P
IGBT MODULE Dual 100A 1200V
PDMB100B12C NIEC-PDMB100B12C Datasheet
255Kb / 3P
100A 1200V
PDMB100B12C2 NIEC-PDMB100B12C2 Datasheet
123Kb / 3P
IGBT MODULE Dual 100A 1200V
PDMB100B12C2 NIEC-PDMB100B12C2 Datasheet
255Kb / 3P
100A 1200V
PDMB100B12C NIEC-PDMB100B12C_1 Datasheet
255Kb / 3P
100A 1200V
More results

Similar Description - PDMB100B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB100B12C NIEC-PDMB100B12C Datasheet
116Kb / 3P
IGBT MODULE Dual 100A 1200V
PDMB100B12C2 NIEC-PDMB100B12C2 Datasheet
123Kb / 3P
IGBT MODULE Dual 100A 1200V
logo
Littelfuse
MG12100D-BA1MM LITTELFUSE-MG12100D-BA1MM Datasheet
1Mb / 6P
1200V 100A IGBT Module
logo
MacMic
MMG100D120B6HN MACMIC-MMG100D120B6HN Datasheet
540Kb / 5P
1200V 100A IGBT Module
MMG100J120U6HN MACMIC-MMG100J120U6HN Datasheet
290Kb / 6P
1200V 100A IGBT Module
MMG100J120UZ6T4N MACMIC-MMG100J120UZ6T4N Datasheet
232Kb / 4P
1200V 100A IGBT Module
MMG100J120UZ6TN MACMIC-MMG100J120UZ6TN Datasheet
650Kb / 4P
1200V 100A IGBT Module
MMG100S120B6TC MACMIC-MMG100S120B6TC Datasheet
359Kb / 6P
1200V 100A IGBT Module
MMG100S120B6UC MACMIC-MMG100S120B6UC Datasheet
1Mb / 6P
1200V 100A IGBT Module
MMG100S120UK6TN MACMIC-MMG100S120UK6TN Datasheet
429Kb / 5P
1200V 100A IGBT Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com