Electronic Components Datasheet Search
  English  ▼

X  

PDMB150A6 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDMB150A6
Description  IGBT MODULE Dual 150A 600V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDMB150A6 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDMB150A6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDMB150A6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDMB150A6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IGBT MODULE
MODULE
MODULE
MODULE Dual 150A 600V
Dual 150A 600V
Dual 150A 600V
Dual 150A 600V
PDMB150A6
PDMB150A6
PDMB150A6
PDMB150A6
CIRCUIT
OUTLINE DRAWING
MAXMUM RATINGS (Tc=25°C)
Item
Symbol
PDMB150A6
Unit
Collector-EmitterVoltage
VCES
600
V
Gate- EmitterVoltage
VGES
+/ -20
V
DC
IC
150
CollectorCurrent
1ms
ICP
300
A
CollectorPowerDissipation
PC
560
W
JunctionTemperature Range
Tj
-40 to +150
°C
StorageTemperature Range
Tstg
-40 to +125
°C
IsolationVoltage Terminal toBase AC,1min.)
VISO
2500
V
ModuleBase to Heatsink
2
MountingTorque
Bus Bar to Main Terminals
FTOR
2
N
•m
ELECTRICAL CHARACTERISTICS (Tc=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-EmitterCut-OffCurrent
ICES
VCE=600V,VGE=0V
-
-
2.0
mA
Gate-EmitterLeakage Current
IGES
VGE=+/-20V,VCE=0V
-
-
1.0
µA
Collector-EmitterSaturation Voltage
VCE(sat)
IC=150A,VGE=15V
-
2.1
2.6
V
Gate-EmitterThresholdVoltage
VGE(th)
VCE=5V,IC=150mA
4.0
-
8.0
V
InputCapacitance
Cies
VCE=10V,VGE=0V,f=1MHz
-
15,000
-
pF
RiseTime
tr
-
0.15
0.3
Turn-onTime
ton
-
0.25
0.4
Fall Time
tf
-
0.2
0.35
SwitchingTime
Turn-off Time
toff
VCC=300V
RL= 2 ohm
RG= 5.1ohm
VGE=+/-15V
-
0.45
0.7
µs
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25°C)
Item
Symbol
Rated Value
Unit
DC
IF
150
ForwardCurrent
1ms
IFM
300
A
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
PeakForwardVoltage
VF
IF=150A,VGE=0V
-
1.9
2.4
V
Reverse RecoveryTime
trr
IF=150A,VGE=-10V,di/dt=150A/
µs
-
0.15
0.25
µs
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IGBT
-
-
0.22
ThermalImpedance
DIODE
Rth(j-c)
JunctiontoCase
-
-
0.45
°C/W
4-fasten-tabNo110
Dimension(mm)
ApproximateWeight:430g


Similar Part No. - PDMB150A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB150A6 NIEC-PDMB150A6 Datasheet
161Kb / 4P
150A 600V
PDMB150A6C NIEC-PDMB150A6C Datasheet
161Kb / 4P
150A 600V
PDMB150A6 NIEC-PDMB150A6_1 Datasheet
161Kb / 4P
150A 600V
More results

Similar Description - PDMB150A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB150A6 NIEC-PCHMB150A6 Datasheet
113Kb / 3P
IGBT MODULE Chopper 150A 600V
PCHMB150A6A NIEC-PCHMB150A6A Datasheet
111Kb / 3P
IGBT MODULE Chopper 150A 600V
PRHMB150A6 NIEC-PRHMB150A6 Datasheet
111Kb / 3P
IGBT MODULE Chopper 150A 600V
PRHMB150A6A NIEC-PRHMB150A6A Datasheet
112Kb / 3P
IGBT MODULE Chopper 150A 600V
PTMB150A6 NIEC-PTMB150A6 Datasheet
125Kb / 3P
IGBT MODULE Six-Pack 150A 600V
logo
Micross Components
MIMMG150DR060DE MICROSS-MIMMG150DR060DE Datasheet
2Mb / 5P
600V 150A IGBT Module RoHS Compliant
logo
MacMic
MMG150HB060B6EN MACMIC-MMG150HB060B6EN Datasheet
445Kb / 6P
600V 150A IGBT Module
MMG150S060B6EN MACMIC-MMG150S060B6EN Datasheet
401Kb / 5P
600V 150A IGBT Module
MMG150S060B6TC MACMIC-MMG150S060B6TC Datasheet
354Kb / 6P
600V 150A IGBT Module
MMG150S060DE6EN MACMIC-MMG150S060DE6EN Datasheet
434Kb / 5P
600V 150A IGBT Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com