Electronic Components Datasheet Search
  English  ▼

X  

LM1045D Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM1045D
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM1045D Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM1045D Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1045D Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1045D Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1045D Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1045D Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1045D Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Main Product Characteristics:
G
Features and Benefits:
TO-252 (DPAK)
Markingandpin
Assignment
Schematic diagram
AdvancedMOSFETprocesstechnology
Special designed for PWM, load switching and
general purposeapplications
Ultralowon-resistancewithlowgatecharge
Fastswitchingandreversebodyrecovery
150℃ operating temperature
Description:
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
deviceforuseinpowerswitchingapplicationanda widevarietyof otherapplications.
Absolute max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V ①
-30
A
IDM
Pulsed Drain Current ②
-120
PD @TC = 25°C
Power Dissipation ③
102
W
Linear Derating Factor
0.82
W/°C
VDS
Drain-Source Voltage
-100
V
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy @ L=0.1mH
106
mJ
IAS
Avalanche Current @ L=0.1mH
46
A
TJ TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
D
S
VDSS
-100V
RDS(on) 36mΩ (typ.)
ID
-30A
LM1045D
P-Channel Enhancement Mode Power MOSFET
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - LM1045D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM104 NSC-LM104 Datasheet
161Kb / 6P
Negative Regulator
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
LM1042 NSC-LM1042 Datasheet
170Kb / 8P
Fluid Level Detector
LM1042N NSC-LM1042N Datasheet
170Kb / 8P
Fluid Level Detector
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
Analog Video Switch
More results

Similar Description - LM1045D

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com