Electronic Components Datasheet Search
  English  ▼

X  

LM4953 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4953
Description  P-ChannelEnhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4953 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4953 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4953 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4953 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4953 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4953 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM4953
Product Summary
● VDS
-30V
● ID
-5.1A
● RDS(ON)( at VGS=-10V)
<59 mohm
● RDS(ON)( at VGS=-4.5V)
<75 mohm
General Description
● Trench Power LV MOSFET technology
● High density cell design for Low RDS(ON)
● High Speed switching
Applications
● Battery protection
● Load switch
● Power management
■ Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Maximum
Unit
Drain-source Voltage
VDS
-30
V
Gate-source Voltage
VGS
±20
V
Drain Current
TA=25℃ @ Steady State
ID
-5.1
A
TA=70℃ @ Steady State
-4.1
Pulsed Drain Current A
IDM
-20
A
Single Pulse Avalanche Energy
EAS
20
mJ
Total Power Dissipation @ TA=25℃
PD
2.5
W
Thermal Resistance Junction-to-Ambient @ Steady State
RθJA
50
℃/ W
Junction and Storage Temperature Range
TJ ,TSTG
-55~+150
℃
■ Ordering Information (Example)
PREFERED P/N
PACKING
CODE
Marking
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
LM4953
F2
Q4953
4000
8000
64000
13
“ reel
Enhancement Mode Power MOSFET
P-Channel
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - LM4953

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4953 NSC-LM4953 Datasheet
663Kb / 11P
Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
logo
Texas Instruments
LM4953 TI1-LM4953 Datasheet
1Mb / 19P
Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
logo
National Semiconductor ...
LM4953SD NSC-LM4953SD Datasheet
663Kb / 11P
Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
logo
Texas Instruments
LM4953SDBD TI1-LM4953SDBD Datasheet
1Mb / 19P
Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
LM4953 TI1-LM4953_14 Datasheet
1Mb / 19P
Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
More results

Similar Description - LM4953

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE40P13S LEIDITECH-LCE40P13S Datasheet
511Kb / 6P
P-ChannelEnhancement Mode Power MOSFET
LCE55P04S LEIDITECH-LCE55P04S Datasheet
1Mb / 6P
P-ChannelEnhancement Mode Power MOSFET
LM4012 LEIDITECH-LM4012 Datasheet
2Mb / 6P
N-ChannelEnhancement Mode Power MOSFET
LMS4435A LEIDITECH-LMS4435A Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Power MOSFET
LMQ1216A LEIDITECH-LMQ1216A Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Power MOSFET
LMQ3400A LEIDITECH-LMQ3400A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LMG80G06A LEIDITECH-LMG80G06A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LM2D16P02 LEIDITECH-LM2D16P02 Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Power MOSFET
LM8S6P04 LEIDITECH-LM8S6P04 Datasheet
983Kb / 6P
P-ChannelEnhancement Mode Power MOSFET
LM8S12N04 LEIDITECH-LM8S12N04 Datasheet
3Mb / 6P
N-ChannelEnhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com