Electronic Components Datasheet Search
  English  ▼

X  

FTK4828 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4828
Description  Dual N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4828 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4828 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4828 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4828 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4828 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FTK4828
2013. 03. 15
1/4
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
N-channel
N-channel
Schematic diagram
G 1
S 1
G 2
S 2
4
1
D 1
D 1
D 2
D 2
5
8
Q4 828
Marking and pin Assignment
SOP-8
top view
2
3
6
7
Dual N-Channel MOSFET
DESCRIPTION
The FTK4828 uses advanced trench
te chnology to provide excellent
RDS(ON) and low gate charge.
This device is suitable for use as a load switch
or in PWM applications.
Maximum ratings (Ta=25℃ unless otherwise noted)
VDS (V) = 60V
ID = 4.5A (VGS = 10V)
RDS(ON) < 56mΩ (VGS = 10V)
RDS(ON) < 77mΩ (VGS = 4.5V)
FEATURES
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Value
Units
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (t
≤10s
I
)
1
e
t
o
n
(
)
D
4.5
A
Pulsed Drain Current (note 2)
IDM
20
A
Power Dissipation
PD
1.25
W
Thermal Resistance from Junction to Ambient (t
≤10s) (note 1)
RθJA
100
℃/W
Avalanche Current (note 2)
IAR,IAS
19
A
Repetitive Avalenche Energy 0.1mH (note 2)
EAR,EAS
18
mJ
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55~ 150
℃
AEC-Q101 qualified


Similar Part No. - FTK4828

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4828D FS-FTK4828D Datasheet
329Kb / 3P
N-Channel MOSFET
FTK4828F FS-FTK4828F Datasheet
317Kb / 3P
N-Channel MOSFET
More results

Similar Description - FTK4828

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com