Electronic Components Datasheet Search
  English  ▼

X  

FTK4964D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4964D
Description  40V N-Channel MOSFET s
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4964D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4964D Datasheet HTML 1Page - First Silicon Co., Ltd FTK4964D Datasheet HTML 2Page - First Silicon Co., Ltd FTK4964D Datasheet HTML 3Page - First Silicon Co., Ltd FTK4964D Datasheet HTML 4Page - First Silicon Co., Ltd FTK4964D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
40V N-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current – Continuous (TC=25℃)
60
A
Drain Current – Continuous (TC=100℃)
38
A
IDM
Drain Current – Pulsed
1
240
A
EAS
Single Pulse Avalanche Energy
2
76
mJ
IAS
Single Pulse Avalanche Current
2
39
A
PD
Power Dissipation (TC=25℃)
62
W
Power Dissipation – Derate above 25℃
0.496
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
2.01
℃/W
BVDSS
RDSON
ID
40V
6.7m
Ω
60A
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 40V, 60A, RDS(ON) =6.7m
Ω@VGS = 10V
 Improved dv/dt capability
 Fast switching
 Green Device Available
General Description
Features
Applications
MB / VGA / Vcore
POL Applications
SMPS 2
nd SR
Thermal Characteristics
TO-252 Pin Configuration
D
S
G
Absolute Maximum Ratings (Tc=25 ℃ unless otherwise noted)
2019. 02. 11
1/5
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTK4964D
1
1. Gate
2. Drain
3. Source
3
2


Similar Part No. - FTK4964D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4964Z FS-FTK4964Z Datasheet
1Mb / 5P
40V N-Channel MOSFETs
More results

Similar Description - FTK4964D

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1340N ANALOGPOWER-AM1340N Datasheet
161Kb / 3P
N-Channel 40V (D-S) MOSFET
AM1440N ANALOGPOWER-AM1440N Datasheet
150Kb / 2P
N-Channel 40V (D-S) MOSFET
logo
Shenzhen Huazhimei Semi...
HM2318APR HMSEMI-HM2318APR Datasheet
1Mb / 5P
N-Channel 40V(D-S) MOSFET
HM2318A HMSEMI-HM2318A Datasheet
1Mb / 5P
N-Channel 40V(D-S) MOSFET
HM2318D HMSEMI-HM2318D Datasheet
1Mb / 5P
N-Channel 40V(D-S) MOSFET
logo
VBsemi Electronics Co.,...
AFC4599WS8RG VBSEMI-AFC4599WS8RG Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
SI4564DY VBSEMI-SI4564DY Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
logo
SHIKUES Electronics
NTD5802NS SKTECHNOLGY-NTD5802NS Datasheet
1Mb / 5P
N-Channel 40V(D-S) MOSFET
logo
VBsemi Electronics Co.,...
SP8M21TB VBSEMI-SP8M21TB Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
SPC4527S8RGB VBSEMI-SPC4527S8RGB Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com