Electronic Components Datasheet Search
  English  ▼

X  

FTK6902P Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTK6902P
Description  60V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6902P Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK6902P Datasheet HTML 1Page - First Silicon Co., Ltd FTK6902P Datasheet HTML 2Page - First Silicon Co., Ltd FTK6902P Datasheet HTML 3Page - First Silicon Co., Ltd FTK6902P Datasheet HTML 4Page - First Silicon Co., Ltd FTK6902P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
60V N-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
10.300
9.700
0.406
0.382
A1
8.840
8.440
0.348
0.332
A2
1.250
1.050
0.049
0.041
A3
5.300
5.100
0.209
0.201
B
16.200
15.400
0.638
0.606
C
4.680
4.280
0.184
0.169
C1
1.500
1.100
0.059
0.043
D
1.000
0.600
0.039
0.024
E
3.800
3.400
0.150
0.134
G
9.300
8.700
0.366
0.343
H
0.600
0.400
0.024
0.016
K
2.700
2.100
0.106
0.083
L
13.600
12.800
0.535
0.504
M
1.500
1.100
0.059
0.043
N
2.590
2.490
0.102
0.098
T
W0.35
W0.014
DIA
Φ1.5 TYP.
deep0.2 TYP.
Φ0.059 TYP.
deep0.008 TYP.
TO-220 PACKAGE INFORMATION
2018. 11. 19
5/5
Revision No : 0
FTK6902P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com