Electronic Components Datasheet Search
  English  ▼

X  

PDT3012 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDT3012
Description  THYRISTOR MODULE 30A /1200 to 1600V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT3012 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDT3012 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT3012 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT3012 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT3012 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PDT3012 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
THYRISTOR MODULE
Maximum Ratings
Approx Net Weight:155g
Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PDT/PDH3012
PDT/PDH3016
Unit
Repetitive Peak Off-State Voltage
VDRM
1200
1600
Non Repetitive Peak Off-State Voltage
VDSM
1300
1700
V
Repetitive Peak Reverse Voltage
VRRM
1200
1600
Non Repetitive Peak Reverse Voltage
VRSM
1300
1700
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
50Hz Half Sine Wave condition
Tc=96
°C
30
A
RMS On-State Current
IT(RMS)
47
A
Surge On-State Current
ITSM
50 Hz Half Sine Wave,1Pulse
Non-Repetitive
600
A
I Squared t
I2t
2msec to 10msec
1800
A2s
Critical Rate of Turned-On Current
di/dt
VD=2/3VDRM, ITM=2•IO, Tj=125
°C
IG=200mA, diG/dt=0.2A/
µs
100
A/
µs
Peak Gate Power
PGM
5
W
Average Gate Power
PG(AV)
1
W
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
10
V
Peak Gate Reverse Voltage
VRGM
5
V
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2500
V
Case mounting
M6 Screw
2.4 to 3.5
Mounting torque
Terminals
Ftor
M5 Screw
2.4 to 2.8
N•m
Value per 1 Arm
FEATURES
* Isolated Base
* Dual Thyristors or Thyristor and Diode
Cascaded Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PDT30 12
PDT30 1 6
PDT30 12
PDT30 1 6
PDT30 12
PDT30 1 6
PDT30 12
PDT30 1 6
P D H 301 2
P D H 301 6
P D H 301 2
P D H 301 6
P D H 301 2
P D H 301 6
P D H 301 2
P D H 301 6
OUTLINE DRAWING
30A / 1200 to 1600V
PDT
PDH


Similar Part No. - PDT3012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT3012 NIEC-PDT3012 Datasheet
251Kb / 4P
30A Avg 1200~1600 Volts
PDT3012 NIEC-PDT3012_1 Datasheet
251Kb / 4P
30A Avg 1200~1600 Volts
More results

Similar Description - PDT3012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC10012 NIEC-PC10012 Datasheet
219Kb / 3P
DIODE MODULE 100A/1200 to 1600V
PC15012 NIEC-PC15012 Datasheet
217Kb / 3P
DIODE MODULE 150A/1200 to 1600V
PC20012 NIEC-PC20012 Datasheet
204Kb / 3P
DIODE MODULE 200A/1200 to 1600V
PCH3012 NIEC-PCH3012 Datasheet
266Kb / 5P
THYRISTOR MODULE 30A/1200 to 1600V
PCH6012 NIEC-PCH6012 Datasheet
269Kb / 5P
THYRISTOR MODULE 60A/1200 to 1600V
PCH10012 NIEC-PCH10012 Datasheet
317Kb / 5P
THYRISTOR MODULE 100A/1200 to 1600V
PCH15012 NIEC-PCH15012 Datasheet
255Kb / 5P
THYRISTOR MODULE 150A/1200 to 1600V
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
THYRISTOR MODULE 200A/1200 to 1600V
PDT6012 NIEC-PDT6012 Datasheet
273Kb / 5P
THYRISTOR MODULE 60A / 1200 to 1600V
PDT10012 NIEC-PDT10012 Datasheet
322Kb / 5P
THYRISTOR MODULE 100A/1200 to 1600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com