Electronic Components Datasheet Search
  English  ▼

X  

AS998 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS998
Description  IC intended for use as a PWM controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS998 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS998 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS998 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS998 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS998 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS998 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS998 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
233
www.ptcc.com.tw
SEMICONDUCTOR
Features
•
Low start-up current 64 µA (Typ)
•
Low running current 2 mA (Typ)
•
Low power light load mode
•
Low power standby when OV is
activated
•
Extended commercial operating
temperature range: 0 to 105°C
•
On-board fixed frequency oscillator 100
kHz (Typ)
•
Frequency randomizer to reduce EMC
emissions
•
Dedicated OV shutdown pin
•
On-board voltage ramp compensation
•
On-board current sensing filtering
•
Optional primary side regulation
Description
The AS998/AS998A is an IC intended for use as a PWM controller for
switch mode power supplies. The device is particularly suited as a pri-
mary side controller for adapter, printer, peripheral, mobile chargers and
desktop auxiliary power supplies. The AS998/AS998A is manufactured
in BICMOS technology and exhibits very low start-up and operating
power. This allows the device to be suitable in applications where strin-
gent standby or Blue Angel criteria are required.
Many of the external functions associated with PWM controllers have
been integrated into the AS998/AS998A allowing the external compo-
nent count to be significantly reduced. Features such as fixed internal
oscillator, internal ramp compensation and current filters all reduce the
external support components.
The AS998/AS998A has a typical output rise and fall time of 250/210 ns.
AS998/A
PWM Controller
Preliminary Specification
8L SOIC (8D)
1
2
3
4
8
7
6
5
V
REG
V
CC
OUT
GND
V
REG
V
CC
OUT
GND
OV
V
FB
Comp
I
SENSE
OV
V
FB
Comp
I
SENSE
8L PDIP (8N)
1
2
3
4
8
7
6
5
Pin Configuration – Top View
Circuit Type:
PWM Controller (Models AS998 & AS998A)
Temperature Range:
B = 0
°C to 105°C
Packaging Option:
T = Tubes
N = Tape and Reel (13" Reel Dia.)
Package Type:
8D = 8 Pin, Plastic SOIC
8N = 8 Pin, Plastic DIP
AS998/A
B
8D
N
Ordering Information


Similar Part No. - AS998

ManufacturerPart #DatasheetDescription
logo
Edgecore Networks Corpo...
AS9926-24D-O-AC-F EDGE-CORE-AS9926-24D-O-AC-F Datasheet
1Mb / 4P
AS9926-24D/AS9926-24DB
More results

Similar Description - AS998

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
logo
NXP Semiconductors
55125 PHILIPS-55125 Datasheet
960Kb / 24P
WATER COOLED MAGNETRON ESPECIALLY INTENDED FOR USE AS CONTINUOUS WAVE OSCILLATOR
4.4.1961
logo
Littelfuse
FHM1 LITTELFUSE-FHM1 Datasheet
46Kb / 1P
Intended for use
logo
Amphenol Corporation
P-U90-G3X1-1XXX AMPHENOL-P-U90-G3X1-1XXX Datasheet
765Kb / 11P
CAGE IS INTENDED FOR USE WITH THE
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
This device is suitable for use as a load switch or in PWM applications
logo
Littelfuse
153002 LITTELFUSE-153002_15 Datasheet
269Kb / 1P
Intended for use with 32 volts Autofuse fuses
logo
SHENZHEN FUMAN ELECTRON...
TC3842 FUMAN-TC3842 Datasheet
275Kb / 6P
PWM controller IC
logo
First Silicon Co., Ltd
FA494AP FS-FA494AP Datasheet
154Kb / 6P
Voltage-Mode PWM Controller IC
logo
NXP Semiconductors
ECC83 PHILIPS-ECC83 Datasheet
152Kb / 7P
Double triod intended for use as A.F. amplifier
1999.8.14
logo
Rohm
BM1P10CFJ ROHM-BM1P10CFJ Datasheet
1Mb / 35P
PWM Controller IC for AC/DC Converter
03.Feb.2020 Rev.001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com